PART |
Description |
Maker |
CD74HC4046AH CD74HCT4046AM |
Analog Phase-Locked Loop 模拟锁相 PHASE LOCKED LOOP, 38 MHz, PDSO16
|
TE Connectivity, Ltd. INTERSIL CORP
|
HS-1115RH FN4098 5962F9678501VPA HFA1115IP |
Buffer, Output Limiting, Closed-Loop, 225MHz, 1135V/s, Programmable Gain, Rad-Hard From old datasheet system Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier Radiation Hardened/ High Speed/ Low Power Output Limiting/ Closed-Loop-Buffer Amplifier Radiation Hardened, High Speed, Low Power
Output Limiting, Closed-Loop-Buffer Amplifier(抗辐射高速、低功耗、输出限定的锁相环缓冲放大器)
|
INTERSIL[Intersil Corporation]
|
SE564N NE564 NE564D NE564N SE564 |
Phase-locked loop PHASE LOCKED LOOP, 50 MHz, PDSO16
|
NXP Semiconductors N.V. Philips Semiconductors
|
U4280BM-FL U4286BM-FP |
PHASE LOCKED LOOP, PDSO20 PHASE LOCKED LOOP, PDSO16
|
TEMIC SEMICONDUCTORS
|
ADN2841ACP-48-RL ADN2841ACP-32-RL7 ADN2841 ADN2841 |
7V; dual-loop 50Mbps-2.7Gbps laser diode driver. For DWDM dual MPD wavelength fixing, SONET OC-1/3/12/48, SDH STM-1/4/16, fiber channel, gigabit ethernet N/A Circular Connector; No. of Contacts:21; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver SPECIALTY INTERFACE CIRCUIT, QCC32 Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver SPECIALTY INTERFACE CIRCUIT, QCC48
|
AD[Analog Devices] Analog Devices, Inc.
|
IMS7 24IMS7-03-9 24IMS7-05-05-9 24IMS7-05-9 24IMS7 |
7 Watt DC-DC Converters Standard Metal Shell Nano Strip Connector CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 500 A nominal, ± 1200 amp range, 5000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, center pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn
|
http:// POWER-ONE[Power-One]
|
MAX4076 MAX4075 MAX4074 MAX4077 MAX4078 MAX4074EUK |
Operational Amplifier OP-AMP, 3500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO5 Micropower / SOT23 / Rail-to-Rail / Fixed-Gain / GainAmp/Open-Loop Op Amps Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
|
运算放大 Maxim Integrated Products, Inc.
|
6N138 E001819 6N139 |
IRED & PHOTO IC (CURRENT LOOP DRIVER/ LOW INPUT CURRENT LINE RECEIVER/ COMS LOGIC INTERFACE) IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE) CURRENT LOOP DRIVER LOW INPUT CURRENT LINE RECEIVER CMOS LOGIC INTERFACE From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
HC5504B HC9P5504B-5ZX96 HC-5504B HC-5504B_04 HC9P5 |
EIA/ITU PABX SLIC with 40mA Loop Feed TELECOM-SLIC, PDSO24 SLIC, EIA/ITU PABX, with 40mA Loop Feed
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
|