Part Number Hot Search : 
UPD78F08 BQ200 C3SMB M61509FP RN1107FT RPR220 GS1MW ECWF2224
Product Description
Full Text Search
  start. Datasheet PDF File

For start. Found Datasheets File :: 71860    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MCIMX53-START MCIMX28LCD

Freescale Semiconductor, Inc
Part No. MCIMX53-START MCIMX28LCD
OCR Text start development board cost-effective, multi-purpose platform overview freescale delivers a cost-efffective, easy-to- use platform designed to simplify product evaluation and speed time to market with its new quick start development boa...
Description i.MX53 Quick Start Development Board

File Size 207.29K  /  2 Page

View it Online

Download Datasheet





    PRISM-0700W-START

List of Unclassifed Manufacturers
Part No. PRISM-0700W-START
OCR Text ...s order information prism-0700w-start startkit containing 7 inch pcap multitouch screen + converter pcb + cables to connect to technexion development kits and software prism-0700w 7 inch pcap lcd screen bulk ...
Description Multitouch projective capacitive touch LCD

File Size 353.34K  /  1 Page

View it Online

Download Datasheet

    EDM2-WIZARD-START

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. EDM2-WIZARD-START
OCR Text ...rdering information edm2-wizard-start edm type 2 evaluation board including cablekit and adaptor the wizard design files including schematics and gerber files are available to design your own edm carrier board. expansion and connectivity e...
Description microATX Form Factor Carrier Board for EDM Type 2 System-on-Modules
microATX Form Factor Carrier Board for EDM Type 2 System-on-Modules

File Size 603.24K  /  1 Page

View it Online

Download Datasheet

    AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU

AD[Analog Devices]
Part No. AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU10-REEL7 AD5242BRU1M-REEL7 AD5241BR1M AD5241BRU10-REEL7 AD5241BRU100-REEL7 AD5241BRU1M-REEL7 AD5241BR10-REEL7 AD5241BR100-REEL7 AD5241 AD5242
OCR Text ... Bus Free Time between STOP and START t2 After this period, the first clock tHD; STA Hold Time (Repeated START) pulse is generated. tLOW Low Period of SCL Clock t3 t4 tHIGH High Period of SCL Clock tSU; STA Setup Time for Repeated START Con...
Description I2C Compatible 256-Position Digital Potentiometers

File Size 331.94K  /  16 Page

View it Online

Download Datasheet

    ADS119 ADS-119 ADS-119_883 ADS-119GC ADS-119GM ADS-119MC ADS-119MM ADC-B119 ADS-119/883

Murata Power Solutions ...
Murata Power Solutions Inc.
Electronic Theatre Controls, Inc.
ETC[ETC]
Datel
List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. ADS119 ADS-119 ADS-119_883 ADS-119GC ADS-119GM ADS-119MC ADS-119MM ADC-B119 ADS-119/883
OCR Text ...PUT ANALOG GROUND OFFSET ADJUST START CONVERT DATA VALID DIGITAL GROUND +5V DIGITAL SUPPLY GENERAL DESCRIPTION The ADS-119 is a high-performance, 12-bit, 10MHz sampling A/D converter. The device samples input signals up to Nyquist frequ...
Description Circular Connector; No. of Contacts:37; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-37
Circular Connector; No. of Contacts:128; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-35
Circular Connector; No. of Contacts:4; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:21-75
Circular Connector; No. of Contacts:16; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:21-16
12-Bit/ 10MHz/ Low-Power Sampling A/D Converters
LJT 12C 8#20 4#16 SKT RECP
12-Bit, 10MHz, Low-Power Sampling A/D Converters

File Size 133.02K  /  8 Page

View it Online

Download Datasheet

    APW7142KI-TRG

Anpec Electronics Coropration
http://
Part No. APW7142KI-TRG
OCR Text ...ipped with power-on-reset, soft-start, soft-stop, and whole protections (under-voltage, over-voltage, over-temperature, and current-limit) into a single package. In shutdown mode, the supply current drops below 3A. This device, available in...
Description 3A, 12V, Synchronous-Rectified Buck Converter

File Size 519.96K  /  22 Page

View it Online

Download Datasheet

    ABB SWITZERLAND LTD SEMICONDUCTORS
Part No. 1SAR503141R0002 1SAR503041R0003
OCR Text ...closed. on the c574 (monitored start), the on circuit y33-y34 is checked for short circuit. this means that a fault ist detected when y33-y34 is closed before the emergency stop button is closed. auto-start or monitored start (dependin...
Description SPECIAL RELAY-SAFETY RELAY, 5PST, MOMENTARY, DIN-RAIL MOUNT
SPECIAL RELAY-SAFETY RELAY, 5PST, MOMENTARY, 24VDC (COIL), 5A (CONTACT), DIN-RAIL MOUNT

File Size 103.10K  /  1 Page

View it Online

Download Datasheet

    AP3703

http://
BCD Semiconductor Manufacturing Limited
Part No. AP3703
OCR Text ...Reduce System EMI Built-in Soft Start Open Feedback Protection Over Voltage Protection Short Circuit Protection Small SOT-23-5 package to achieve compact size and less component Applications * * * Adapters/Chargers for Cell/Cordless Pho...
Description LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER

File Size 423.66K  /  11 Page

View it Online

Download Datasheet

    Maxim
Part No. MAX16071
OCR Text ...bus free time between stop and start condition t buf 1.3 s start condition setup time t su:sta 0.6 s start condition hold time t hd:sta 0.6 s stop condition setup time t su:sto 0.6 s clock low period t low 1.3 s clock high period t high 0....
Description (MAX16070 / MAX16071) Flash-Configurable System Monitors

File Size 1,822.23K  /  51 Page

View it Online

Download Datasheet

For start. Found Datasheets File :: 71860    Search Time::1.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of start.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.4592089653015