PART |
Description |
Maker |
CG0402MLA-5.5KG CG0402MLA-5.5ME CG0402MLA-5.5MG CG |
MLA Series Varistor ESD Clamp Protectors 重点系列压敏电阻的ESD钳位保护
|
Bourns Inc. Bourns, Inc.
|
VJ12MT0950KBA VJ15MA0160KBA VJ13M00250K VJ13M00300 |
Glass Encapsulated SMD Varistor MLV Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ?MA and PA Series
|
AVX Corporation
|
VC0015 |
Automotive Varistor for Automotive Applications
|
AVX Corporation
|
5D-9T3CF2 5D-11 502GT-1 15TP551 15TP551N 15TP551T |
AT thermistor, 5KOhm ET thermistor, 83KOhm GT thermistor, 500KOhm D thermistor, 250Ohm Metal oxide varistor, 910V CT thermistor, 2.5KOhm ET thermistor, 59KOhm ET thermistor, 41KOhm ET thermistor, 40KOhm ET thermistor, 4KOhm IT thermistor, 20KOhm CT thermistor, 200KOhm ET thermistor, 232KOhm Gastube arrester, 400V GT thermistor, 1000KOhm GT thermistor, 100KOhm CT thermistor, 51KOhm CT thermistor, 20KOhm AT thermistor, 2KOhm D thermistor, 360Ohm CT thermistor, 100KOhm FT thermistor, 50KOhm Power thermistor Metal oxide varistor, 56V HT thermistor, 50KOhm HT thermistor, 30KOhm HT thermistor, 20KOhm GT thermistor, 1KOhm AT thermistor, 10KOhm BT thermistor, 100KOhm D thermistor, 100Ohm AT thermistor, 1KOhm D thermistor, 100KOhm Metal oxide varistor, 470V THERMOPILE TYPE INFRARED SENSOR FT thermistor / 10K Ohm 500W transient voltage suppressor, 15V ET thermistor, 10KOhm CT thermistor, 10KOhm FT thermistor, 10KOhm GT thermistor, 10KOhm HT thermistor, 10KOhm IT thermistor, 10KOhm JT thermistor HT thermistor, 100KOhm HT thermistor, 3KOhm HT thermistor, 5KOhm Metal oxide varistor, 820V Metal oxide varistor, 33V FT thermistor, 100KOhm CT thermistor, 11KOhm AT thermistor, 100KOhm AT thermistor, 20KOhm CT thermistor, 47KOhm ET thermistor, 100KOhm FT thermistor, 364KOhm Gastube arrester, 350V GT thermistor, 20KOhm ET thermistor, 226KOhm ET thermistor, 30KOhm ET thermistor, 50KOhm CT thermistor, 56KOhm IT thermistor, 100KOhm IT thermistor, 50KOhm IT thermistor, 30KOhm GT thermistor, 2KOhm 1500W transient voltage suppressor, 120V Metal oxide varistor, 120V Metal oxide varistor, 150V Metal oxide varistor, 18V Metal oxide varistor, 200V Metal oxide varistor, 22V Metal oxide varistor, 220V Metal oxide varistor, 240V Metal oxide varistor, 27V Metal oxide varistor, 330V Metal oxide varistor, 270V Metal oxide varistor, 360V Metal oxide varistor, 39V Metal oxide varistor, 390V Metal oxide varistor, 430V Metal oxide varistor, 47V Metal oxide varistor, 68V Metal oxide varistor, 82V
|
ETC[ETC] SEMITEC
|
TVM3A110M TVR07220 TVR07221 TVR20560 TVR20561 TVR3 |
ZINC OXIDE VARISTOR 50 SERIES
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
TVR07431 TVR07470 TVR07471 TVR07391 TVR05270 |
ZINC OXIDE VARISTOR 50 SERIES
|
ETC
|
B72500E0200K060 |
SMD multilayer varistor, E series
|
EPCOS
|
ERZV07D330 ERZV09V560CS ERZVA9V560 ERZVA7D220 ERZV |
Surge Absorbers - Varistor Type D Series V
|
Panasonic
|
ENC101D |
(ENC Series) Metal Ocide Varistor
|
Fuji Semiconductors
|
NTE1V300 NTE524V48 NTE524V13 NTE524V15 NTEV480 NTE |
Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 430 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 120 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 82 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal Oxide Varistors (MOV) 金属氧化物压敏电阻(MOV)的 Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 430 V @ 1mA DC test current.
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
CT2220K35G B72540E0350K062 |
Ceramic transient voltage suppressors SMD multilayer varistor, E series
|
EPCOS
|
|