PART |
Description |
Maker |
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5045 AD5045BRUZ AD5045BRUZ-REEL7 AD502508 AD5025 |
SERIAL INPUT LOADING, 10.7 us SETTLING TIME, 16-BIT DAC, PDSO14 Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
|
ANALOG DEVICES INC
|
AD5066 EVAL-AD5066EBZ AD5066BRUZ-1REEL7 AD5066ARUZ |
Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
|
Analog Devices, Inc.
|
EVAL-ADT7X20EBZ ADT7320 ADT7320UCPZ |
隆戮0.25隆?C Accurate, 16-Bit Digital SPI Temperature Sensor ±0.25°C Accurate, 16-Bit Digital SPI Temperature Sensor SPECIALTY ANALOG CIRCUIT, QCC16
|
Analog Devices ANALOG DEVICES INC
|
259400 259402 259401 259364 259365 259367 259366 2 |
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference 12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference 10-Bit, 20Msps ADC SIGN-WEAR WELDING MASK SIGN-RESPIRATORS MUST BE WORN SIGN-EMERGENCY EXIT SIGNS NOW WASH YOUR HANDS SIGN-NOW WASH YOUR HANDS 0.1% Accurate Signal Conditioner for Piezoresistive Sensor Compensation 标志的实验室外套必须 Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors 标志,必须戴呼吸 1% Accurate, Digitally Trimmed Sensor Signal Conditioner 标志,应急出
|
Microchip Technology, Inc.
|
LT1468-2 LT1468IDD-2-PBF LT1468IDD-2-TRPBF LT1468I |
200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp
|
Linear Technology
|
TC7PAU04FU |
Dual Inverter (unbuffer) with 3.6 V Tolerant Input
|
TOSHIBA[Toshiba Semiconductor]
|
MAX4435 MAX4436 MAX4434ESA MAX4434 MAX4435EUK-T MA |
" Single- Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps in SOT23 Package" "Single- Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps" Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ELM7SHU04TB-EL ELM7SHU04MB-EL ELM7SHU04MBEL ELM7SH |
HIGH SPEED CMOS LOGIC IC ELM7SHU04xB Unbuffer Inverter
|
ELM Electronics ELM Technology Corporation
|
AM25LS2569DC AM25LS2569DCB AM25LS2568DC AM25LS2568 |
Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Synchronous Up/Down Counter 同步减计数器 Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 同步减计数器
|
Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc. Unisonic Technologies Co., Ltd.
|
HYB31645800ATL HYB3165800AJ-40 HYB3164800AJ-40 HYB |
High-Speed Fully-Differential Amplifiers 8-SOIC -40 to 85 8M x 8-Bit Dynamic RAM High-Speed Fully-Differential Amplifiers 8-MSOP-PowerPAD -40 to 85 8M X 8 FAST PAGE DRAM, 60 ns, PDSO32
|
SIEMENS AG
|