PART |
Description |
Maker |
ADM6710AARJZ-REEL7 ADM6710HARJZ-REEL7 ADM6710CARJZ |
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 低电压,高精度,四路电压监控电路
|
Analog Devices, Inc. Infineon Technologies AG
|
633A31 633A32 633A21 631A22 631A21 631A31 |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer Interface IC 接口IC Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package 接口IC
|
DB Lectro, Inc. TE Connectivity, Ltd.
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX1600811 |
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
|
Maxim Integrated Products
|
VRH1001LLX VRH1001LTX VRH1001LVX VRH1001NLX VRH100 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with On/Off circuit
|
AnaSem Hong Kong Limite... AnaSem Hong Kong Limited
|
PCS2P5T915A PCS2I5T915AG PCS2P5T915AG |
Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
|
PulseCore Semiconductor
|
NCT218 NCT218FCT2G NCT218MTR2G |
Low Voltage, High Accuracy Temperature Monitor with I2C Interface
|
ON Semiconductor
|
ADP3307ART-33 ADP3307ART-32 |
High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP100 mA Low Dropout Linear Regulator 高精anyCAP⑩一○○毫安低压差线性稳压器
|
Analog Devices, Inc.
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADP3307ART-3-REEL ADP3307ART-3-REEL7 ADP3307ART-2. |
OutputV: 3.3V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 3.2V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.85V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.7V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Analog IC 3 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节
|
Analog Devices, Inc. TE Connectivity, Ltd.
|
EVAL-AD5764EBZ AD5764ASUZ AD5764ASUZ-REEL7 |
Complete Quad, 16-Bit, High Accuracy Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
|
Analog Devices
|
|