PART |
Description |
Maker |
MAX1064 MAX1060 MAX1064BEEG MAX1060ACEI MAX1060AEE |
"400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1090AEEI MAX1092BCEG MAX1092BEEG |
400ksps / 5V / 8-/4-Channel / 10-Bit ADCs with 2.5V Reference and Parallel Interface 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
|
Maxim Integrated Products, Inc.
|
MAX1082 MAX1082ACUE MAX1082AEUE MAX1082BCUE MAX108 |
300ksps/400ksps / Single-Supply / 4-Channel / Serial 10-Bit ADCs with Internal Reference 300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference " 300ksps/400ksps, Single- Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference"
|
MAXIM - Dallas Semiconductor MAX1083 MAXIM[Maxim Integrated Products]
|
MAX1082-BMAX1083 |
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
|
Maxim Integrated Products
|
MAX1080 MAX1080ACUP MAX1080AEUP MAX1080BCUP MAX108 |
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
|
Maxim Integrated Products, Inc.
|
MAX1080-BMAX1081 |
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
|
Maxim Integrated Products
|
MAX1280 MAX1281 MAX1281BCUP MAX1281BEUP |
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference MAX1280 Evaluation System
|
Maxim Integrated Produc...
|
LTC14001 1400 LTC1400IS8PBF LTC1400CS8TR LTC1400-1 |
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1417CGN |
Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Linear Technology, Corp.
|
SCH2602 |
350 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|