PART |
Description |
Maker |
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
CY14B108L-ZS45XIT CY14B108N-ZSP25XI CY14B108L-BA25 |
8-Mbit (1024 K ? 8/512 K ? 16) nvSRAM 8-Mbit (1024 K × 8/512 K × 16) nvSRAM
|
Cypress Semiconductor
|
LH540225 |
512 x 18 / 1024 x 18 Synchronous FIFO 512 ×一千?二十四分之一十八× 18同步FIFO
|
Sharp, Corp.
|
NAND128W3A2BN6 NAND01BGR3A NAND01BGR3A0AN1T NAND01 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMICROELECTRONICS[STMicroelectronics]
|
NAND01G-A NAND01GW3A NAND01GW3A0AN6 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics
|
SST39LF010-45-4C-B3KE SST39LF010-45-4C-MM SST39LF0 |
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
|
SST[Silicon Storage Technology, Inc]
|
S79FL256S |
256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
|
Cypress Semiconductor
|
SST25WF512 SST25WF010 SST25WF020 |
512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
|
SST[Silicon Storage Technology, Inc]
|
M58PR512LE M58PR512LE96ZB5 M58PR256LE96ZB5 M58PR00 |
256-Mbit, 512-Mbit or 1-Gbit (】 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
|
STMicroelectronics
|
LH543611 LH543621 |
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
|
Sharp Electrionic Components
|
AT24C08B-TH-B AT24C08B-TH-T AT24C04BY6-YH-T AT24C0 |
Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
|
ATMEL Corporation
|
|