PART |
Description |
Maker |
STD5NM50T4 |
N-CHANNEL 550V @Tjmax - 0.7 OHM - 7.5A DPAK/IPAK MDMESH POWER MOSFET
|
ST Microelectronics
|
STB25NM50N STP25NM50N STB25NM50NT4 STW25NM50N STF2 |
N-CHANNEL 550V @ TjMAX - 0.12 Ohm - 21.5 A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
|
ST Microelectronics
|
STB8NM60 STP8NM60FP STD5NM60 STD5NM60-1 STP8NM60 |
N-CHANNEL 650V Tjmax-0.9ohm-8A TO-220/FP/D/IPAK/D2PAK STripFET II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
APT5560CN APT5570CN |
TRANSISTOR | MOSFET | N-CHANNEL | 550V V(BR)DSS | 10.5A I(D) | TO-254ISO 晶体管| MOSFET的| N沟道| 550V五(巴西)直| 10.5AI(四)|54ISO TRANSISTOR | MOSFET | N-CHANNEL | 550V V(BR)DSS | 9.5A I(D) | TO-254ISO 晶体管| MOSFET的| N沟道| 550V五(巴西)直| 9.5AI(四)|54ISO
|
Bel Fuse, Inc. CADEKA Microcircuits, LLC
|
CA85C30-6CD CA85C30-6CJ CA85C30-6CP CA85C30-8ID CA |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces N-channel 650 V @Tjmax- 0.53 O - 10 A - TO-220 /TO-220FP Zener-protected SuperMESH Power MOSFET Communications Controller 通信控制
|
STEC, Inc.
|
1.5KE20 1N6299A 1N6296 1.5KE27 1N6287A 1N6302A 1.5 |
Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
|
GOOD-ARK Electronics
|
P4SMA400A P4SMA440A P4SMA550A P4SMA9.1A P4SMA510A |
Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
|
GOOD-ARK Electronics
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
SUB75N08-10 SUP75N08-10 |
N-Channel Enhancement-Mode Trans N-Channel 75-V (D-S), 175C MOSFET N-Channel 75-V (D-S), 175 Degrees Celcious MOSFET N-Channel 75 N通道75
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
HI1-0518-5 HI1-0518-8 HI3-0518-5 HI-518 FN3147 |
8-Channel/Differential 4-Channel,CMOS high speed andlog multiplexer 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP18 RESISTOR POWER 125 OHM 8W 5% 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP18 8-Channel/Differential 4-Channel/ CMOS High Speed Analog Multiplexer 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer 8-Channel/Differential 4-Channel CMOS High Speed Analog Multiplexer From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HI-506A07 HI3-0508A-5Z |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil Corporation
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|