PART |
Description |
Maker |
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
LM393G-D08-T LM393G-S08-R LM393G-P08-R LM393-P08-R |
DUAL DIFFERENTIAL COMPARATOR DUAL COMPARATOR, 5000 uV OFFSET-MAX, 1400 ns RESPONSE TIME, PDSO8 DUAL DIFFERENTIAL COMPARATOR DUAL COMPARATOR, 5000 uV OFFSET-MAX, 1400 ns RESPONSE TIME, DIP8 DUAL DIFFERENTIAL COMPARATOR
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
MC100LVE210 MC100LVE210FNR2 MC100E210 MC100E210FNR |
Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer 100E SERIES, LOW SKEW CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQCC28 Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer 100LVE SERIES, LOW SKEW CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQCC28 Low Voltage Dual 1:4 / 1:5 Differential Fanout Buffer MARKING DIAGRAM Low Voltage Dual 1:4 1:5 Differential Fanout Buffer From old datasheet system
|
ONSEMI[ON Semiconductor]
|
LT6411CUD LT6411IUDTR |
650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er 650MHz Differential ADC Driver/Dual Selectable Gain Amplifier; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL OP-AMP, 20000 uV OFFSET-MAX, PQCC16
|
Linear Technology, Corp.
|
HDMP-1638 |
Gigabit Ethernet Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs(带双路串行I/O和差分PECL时钟输入的千兆位以太网收发器) HDMP-1638 · 1.25 GBd Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs for GbE
|
Agilent (Hewlett-Packard)
|
MC100EPT2206 MC100EPT22DG MC100EPT22MNR4G MC100EPT |
3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
|
ONSEMI[ON Semiconductor]
|
AD7265 EVAL-CONTROLBRD22 AD7265ACP AD7265ASU AD726 |
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC Differential Input Dual 1 MSPS 12-Bit 3-Channel SAR ADC Differential Input/ Dual 1 MSPS/ 12-Bit/ 3-Channel SAR ADC From old datasheet system
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
SY10ELT23L SY10ELT23LZCTR SY10ELT23LZC SY100ELT23L |
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR DUAL PECL TO TTL TRANSLATOR, TRUE OUTPUT, PDSO8
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
SY100EPT23LZGTR SY100EPT23LZI |
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR DUAL PECL TO TTL TRANSLATOR, TRUE OUTPUT, PDSO8
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
100LVELT22M8 100LVELT22 100LVELT22M 100LVELT22MX |
3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3VLVTTL /以差分LVPECLLVCMOS翻译
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|