PART |
Description |
Maker |
MAX2010ETI-T |
500MHz to 1100MHz Adjustable RF Predistorter
|
Maxim Integrated Products, Inc.
|
LT1222 LT1222C LT1222CN8 LT1222CS8 LT1222M LT1222M |
From old datasheet system 500MHz, 3nV/Hz, A 10 Operational Amplifier 500MHz Operational Amplifier
|
LINER[Linear Technology]
|
D1018UK D1018 |
CAT6 SOL PC PVC WHI 20FT PVC SOLID PATCH CORD Gold Metallised Multi-Purpose Silicon DMOS RF FET(100W-28V-500MHz,Push-Pull)(镀金多用DMOS射频硅场效应100W-28V-500MHz,推挽) METAL GATE RF SILICON FET
|
TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
D1218UK |
CAT6 SOL PC PVC WHI 25FT PVC SOLID PATCH CORD 2 CHANNEL, UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET Gold Metallised Multi-Purpose Silicon DMOS RF FET(60W-12.5V-500MHz,Push-Pull)(镀金多用DMOS射频硅场效应60W-12.5V-500MHz,推挽) METAL GATE RF SILICON FET
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
EL8103IW-T7 EL8103IW-T7A EL8102 EL8102IS EL8102IS- |
500MHz Rail-to-Rail Amplifiers Single, 500MHz, Rail-to-Rail Amplifier with Enable
|
INTERSIL[Intersil Corporation]
|
MAX4100 MAX4100ESA MAX4100EUA MAX4100-MAX4101 MAX4 |
500MHz Low-Power Op Amps 500MHz / Low-Power Op Amps 500MHz, Low-Power Op Amps OP-AMP, 8000 uV OFFSET-MAX, 200 MHz BAND WIDTH, PDSO8 RES 5.1K 1/4W 2% OP-AMP, 8000 uV OFFSET-MAX, 500 MHz BAND WIDTH, PDSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
LT6557 LT6557CDHC LT6557IDHC LT6557IGN LT6557CGNPB |
500MHz, 2200V/µs Gain of 2, Single Supply Triple Video Amplifier with Input Bias Control; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 3 CHANNEL, VIDEO AMPLIFIER, PDSO16 500MHz, 2200V/μs Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control 500MHz, 2200V/楼矛s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control 500MHz, 2200V/レs Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
|
Linear Technology, Corp.
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
NCV47701PDAJR2G NCV47701DAJR2G |
5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
|
ON Semiconductor
|
LM11710 LM317 LM317T |
1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, SFM3 1.2 V to 37 V adjustable voltage regulators
|
http:// STMicroelectronics
|