PART |
Description |
Maker |
N74F8966A N74F8965A 74F8965 74F8966 |
9-Bit address/data Futurebus transceiver, ADT 9-Bit address/data Futurebus transceiver ADT 16-Bit Ultra-Low-Power MCU, 16kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-SSOP -40 to 85 F/FAST SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQCC44
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ACT841SC 74ACT841 74ACT841SPC 74ACT841MTC 74ACT8 |
From old datasheet system 10-Bit D-Type Latch 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TVSOP -40 to 85 10-Bit Transparent Latch with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MAX1395MTB MAX1395MUB MAX1392MTB MAX1392ETB MAX139 |
1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10 16-Bit Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
PI74ALVCH16270 |
From old datasheet system 12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
SSTUH32866 |
1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
|
Philips Semiconductors
|
SSTUA32866EC-G |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
SSTUB32866EC/G SSTUB32866EC/S |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
NXP Semiconductors
|
PI74LCX16543A PI74LCX16543 PI74LCX16543V |
Fast CMOS 16-Bit Latched Transceivers LVC/LCX/Z SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Pericom Semiconductor Corporation
|
SSTU32866 |
1.8V 25-bit 1:1 or 14-bit 1:2 confgurable registered buffer
|
Philips Semiconductors
|
IDT74SSTVM16859 |
13-Bit to 26-Bit Registered Buffer with SSTL I/O
|
IDT
|