PART |
Description |
Maker |
KIA78DL05PI |
Three Terminal 5V Positve Low Dropout Voltage Regulator(三端5V正电压输出、低压差稳压
|
KEC Holdings
|
TA79L015P TA79L006P TA79L018P TA79L024P TA79L008P |
Three-Terminal Negative Voltage Regulators -15V Three-Terminal Negative Voltage Regulators -6V Three-Terminal Negative Voltage Regulators -18V Three-Terminal Negative Voltage Regulators -24V Three-Terminal Negative Voltage Regulators -8V Three-Terminal Negative Voltage Regulators -5V Three-Terminal Negative Voltage Regulators -10V Three-Terminal Negative Voltage Regulators -9V Three-Terminal Negative Voltage Regulators -12V Three-Terminal Negative Voltage Regulators -20V
|
TOSHIBA
|
KBP306 KBP310 |
VOLTAGE RANGE 50 TO 1000 VOL TS
|
Gaomi Xinghe Electronic...
|
MAX680 MAX680C_D MAX680CPA MAX680CSA MAX680EPA MAX |
5V to 0V Voltage Converters Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 30 AMP MINIATURE POWER RELAY 5V to 【10V Voltage Converters 5V to 10V Voltage Converters 5V to ±10V Voltage Converters
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Produc...
|
TA78L07F TA78L05F TA78L06F TA78L08F TA78L10F TA78L |
3-Terminal Positive Voltage Regulators 7V 3-Terminal Positive Voltage Regulators 5V 3-Terminal Positive Voltage Regulators 6V 3-Terminal Positive Voltage Regulators 8V 3-Terminal Positive Voltage Regulators 10V 3-Terminal Positive Voltage Regulators 15V 3-Terminal Positive Voltage Regulators 9V 3-Terminal Positive Voltage Regulators 12V 3-Terminal Positive Voltage Regulators 18V 3-Terminal Positive Voltage Regulators 20V
|
TOSHIBA
|
KX020N06 |
VDS (V) = 60V ID = 2 A (VGS = 10V) RDS(ON) 200m (VGS = 10V)
|
TY Semiconductor Co., L...
|
TA79010SB TA79012SB TA79009SB |
Output Current of 1A, Three-Terminal Negative Voltage Regulators -10V Output Current of 1A, Three-Terminal Negative Voltage Regulators -12V Output Current of 1A, Three-Terminal Negative Voltage Regulators -9V
|
TOSHIBA
|
TC56 TC562502ECT TC563002ECT TC563302ECT |
The TC56 is a low supply current (11 µA typ at VOUT =3V), low dropout CMOS linear regulator, with a 10V maximum input voltage range. CMOS construction eliminates wasted ground current typical of bipolar regulators for greater system e 150mA, 10V LDO with Shutdown
|
MICROCHIP[Microchip Technology]
|
TC7660 TC7660MOA TC7660MOA713 |
Charge Pump DC-to-DC Voltage Converter The TC7660 is a pin-compatible replacement for the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 10V input to a corresponding – 1.5V to -10V output using only two low-cost capacitors,eliminating indu
|
http:// Microchip
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
TA78DL05AS TA78DL06AS TA78DL08AS TA78DL09AS TA78DL |
Three-Terminal Low Dropout Voltage Regulator 10V Three-Terminal Low Dropout Voltage Regulator 9V Three-Terminal Low Dropout Voltage Regulator 8V Three-Terminal Low Dropout Voltage Regulator 6V
|
TOSHIBA[Toshiba Semiconductor]
|