PART |
Description |
Maker |
AD7739BRU AD7739BRUZ-REEL7 |
8-Channel, 4 kHz, 24-Bit Sigma-Delta A/D Converter; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24 8-Channel, High Throughput, 24-Bit Sigma-Delta ADC 8通道,高吞吐量,24位Δ模数转换 8-Channel, High Throughput, 24-Bit Sigma-Delta ADC 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24
|
Analog Devices, Inc.
|
CS5364-DQZ CS5364-DQZR CS5364-CQZ CS5364-CQZR |
114 dB, 192 kHz, 4-Channel A/D Converter 4-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQFP48
|
Cirrus Logic, Inc.
|
AD7788ARMZ-REEL AD7789BRMZ |
16-Bit, Single-Channel, Ultra Low Power, Sigma Delta A/D Converter; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 Low Power, 16-/24-Bit, Sigma-Delta ADCs
|
Analog Devices, Inc.
|
AD12250A AD12250A-SG |
24 bit, 96 kHz Stereo A/D Converter 1-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Elite Semiconductor Memory Technology, Inc. Elite Semiconductor Memory Technology Inc.
|
AD7706 AD7706BN AD7706BR AD7706BRU EVAL-AD7706EB A |
3V/5V, 1 mW, 2-Channel Differential, 16-Bit Sigma-Delta ADC 3V/5V, 1mW, 3-Channel Pseudo Differential, 16-Bit Sigma-Delta ADC 3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
|
AD[Analog Devices]
|
CS5341-DZZR CS5341-CZZR |
105 dB, 192 kHz, Multi-Bit Audio A/D Converter 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Cirrus Logic, Inc.
|
AD1835AAS-REEL AD1835AASZ-REEL AD1835AASZ AD1835A |
2 ADC 8 DAC 96 kHz 24-Bit Sigma Delta Codec
|
Analog Devices
|
AD1852JRSZRL EVAL-AD1852EBZ |
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
|
Analog Devices
|
LTC242409 LTC2424CG LTC2428IGTRPBF |
4-/8-Channel 20-Bit mPower No Latency DSTM ADCs 4-/8-Channel 20-Bit µPower No Latency Delta-Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 8-CH 20-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28
|
Linear Technology, Corp.
|
CS5345-CQZ CS5345-CQZR CIRRUSLOGICINC-CS5345-DQZR |
104 dB, 24-Bit, 192 kHz Stereo Audio ADC 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQFP48
|
Cirrus Logic, Inc.
|
AD7705BRU AD7706 EVAL-AD7706EB EVAL-AD7705EB AD770 |
3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs 3 5伏,1毫瓦2-/3-Channel 16位Δ模数转换 Precision Zero-Drift Operational Amplifier with Internal Capacitors; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3 5毫瓦2-/3-Channel 16位Δ模数转换器(264.12十一 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 3 V/5 V/ 1 mW 2-/3-Channel 16-Bit/ Sigma-Delta ADCs
|
http:// Analog Devices, Inc.
|
|