PART |
Description |
Maker |
DDA114EK DDA114EK-7 DDA114TK DDA114TK-7 DDA114YK D |
PNP PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DCX114EH DCX114TH DCX123JH DCX143EH-7 DCX124EH DCX |
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-6 Prebiased Transistors
|
Diodes Incorporated Diodes, Inc.
|
DCX124EU DCX124EU-7 DCX114TU-7 DCX114TU DCX114YU-7 |
HDR P R 12P PW N 1X12.100TQ 30 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Redel 1P/ Female Solder 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 REDEL 1P Series 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 CONNECTOR, HEADER, 3 PIN SINGLE ROW 50 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
CMLT5078E CMLT5087E CMLT5088E |
SMD Small Signal Transistor Dual PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN & PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN Low Noise Amplifier ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
|
Central Semiconductor Corp
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
IMT4 |
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
MMDT3906VC MMDT3906VC-7 |
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
MMDT5401-7-F MMDT5401_1 MMDT5401 MMDT54011 |
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
MMDT4403 |
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
TRSYS[TRSYS]
|
MMDT4126 |
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|