PART |
Description |
Maker |
M93C46-DS3G_S M93C46-DS3G_W M93C46-DS3P_S M93C46-D |
256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 512 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE? serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE庐 serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE垄莽 serial access EEPROM
|
意法半导 STMicroelectronics
|
UL1498N UL1495N UL1496N UL1496R UL1497N UL1497R UL |
OBUDOWA 4Kbit, 2Kbit and 1Kbit (16-bit wide) MICROWIRE serial access EEPROM with block protection 4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
|
List of Unclassifed Manufacturers UNITRA CEMI ETC[ETC] Electronic Theatre Controls, Inc.
|
M95256 M95256BN M95256-BN1T M95256-BN3T M95256-BN5 |
256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 2.5 V to 5.5 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 4.5 V to 5.5 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 2.7 V to 3.6 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 4.5 V to 5.5 V 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 1.8 V to 3.6 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 2.5 V to 5.5 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 1.8 V to 3.6 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 2.7 V to 3.6 V
|
STMicroelectronics ST Microelectronics SGS Thomson Microelectronics
|
UHR-5/4000-D48 UHR-12/1650-D48 UHR-12/1650-D12 UHR |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 型DC - DC电压转换 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 型DC - DC电压转换
|
EEPROM NIC Components, Corp. PLX Technology, Inc.
|
M24256-B MM24256-BBN5T MM24256-BBN6T MM24256-BDL5T |
32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 256/128 Kbit Serial I C Bus EEPROM With Three Chip Enable Lines 一百二十八分之二百五十六千位串行总线EEPROM,带有集成电路芯片启用三 HDWR ASSY ROD 2-4 MODULES SER 3 HDWR ASSY ROD 1 MODULES SER 3 HDWR NUT FASTENER SER 3 ROD ASSY TOOL HAND NUT DRIVER FOR SER 3 256/128 Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial I?C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial IC Bus EEPROM Without Chip Enable Lines
|
STMicroelectronics N.V. EEPROM 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
UL634H256SC55 UL634H256SK55 |
128 Kbit serial SPI bus EEPROM with high speed clock NVRAM中(EEPROM的基础 256 Kbit serial SPI bus EEPROM with high-speed clock NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
M95040-MN6_W M95040-MN6_G M95040-MN6_S M95040-RMN6 |
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
|
STMICROELECTRONICS[STMicroelectronics]
|
M95040-WMN6TG/G |
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
|
意法半导
|
X25020SIG-2.7 X25020SIG-3 X25020PIG-2.7 X25020PIG- |
256 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial E2PROM with Block LockTM Protection
|
IC MICROSYSTEMS SDN BHD
|
SLX25C020 25C01 |
2 Kbit (256 x 8 bit) Serial CMOS EEPROMs, Serial Peripheral Interface (SPI) Synchronous Bus From old datasheet system
|
Infineon
|
CAT25128XI-T2 CAT25128VE-T2 |
16K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 128 kb SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Rectron Semiconductor
|