PART |
Description |
Maker |
MC33468 MC33468SN-20ATR ON1063 |
From old datasheet system FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
|
ONSEMI[ON Semiconductor]
|
NCP45524 |
ecoSWITCH Advanced Load Management: 6A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out or Adj. Slew Rate, Adj. Discharge
|
ON Semiconductor
|
LT1111 LT1111-12 LT1111-5 LT1111C LT1111CN8 LT1111 |
Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V Micropower DC/DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
LTC1516IS8 LTC1516 LTC1516CS8 1516F |
From old datasheet system Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower/ Regulated 5V Charge Pump DC/DC Converter
|
LINER[Linear Technology]
|
LT1110 LT1110-12 LT1110-5 LT1110CN8 LT1110CN8-12 L |
Micropower DC-DC Converter Adjustable and Fixed 5V/ 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
LT1944-1 LT1944 LT1944EMS LT1944-15 |
Dual 180mA Micropower Step-Up DC/DC Converter Dual Micropower Step-Up DC/DC Converter
|
Linear Technology
|
MIC214106 |
Micropower Boost Converter
|
Micrel Semiconductor
|
LT1109A LT1109A-12 LT1109A-5 LT1109ACN8 LT1109ACN8 |
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V From old datasheet system Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V/ 12V
|
http:// LINER[Linear Technology]
|
LT1073 LT1073CN8-12 LT1073CN8PBF LT1073CS8-5PBF LT |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDIP8 Micropower DC-DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
ALD1801 |
8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
|
ALD
|