PART |
Description |
Maker |
AD7734BRU AD7734BRUZ-REEL |
4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ∆ ADC 4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ∆ ADC 4-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 4-Channel, ±10 V Input Range, 24-Bit Sigma-Delta A/D Converter; Package: TSSOP; No of Pins: 28; Temperature Range: Industrial 4-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28
|
Analog Devices, Inc.
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
EDI8F81025LP100B6C EDI8F81025LP100B6I EDI8F81025LP |
Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-PDIP Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-SOIC Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc.
|
FDC20-12T3312 FDC20-12T3315 FDC20-24T3312 FDC20-48 |
Input range:9-18 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:1926 mA; 20 W DC-DC converter Input range:9-18 VDC;output voltage:3.3/ /-15 VDC; output current:3000 / /-250 mA;input current:1959 mA; 20 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:950 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-12 VDC; output current:2000 / /-300 mA;input current:459 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-15 VDC; output current:2000 / /-250 mA;input current:467 mA; 20 W DC-DC converter
|
Power Mate Technology
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
BUZ80 C67078-S1309-A2 |
RP30 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; 4:1 Wide Input Voltage Range; 30 Watts SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LTC2922CF-2.5 LTC2922CF-3.3 LTC2922CF LTC2922CFPBF |
Power supply tracket with input monitor. Power Supply Tracker with Input Monitors; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO20 Power Supply Tracker with Input Monitors; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 Power Supply Tracker with Input Monitors; Package: SSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO20
|
Linear Technology, Corp.
|
CY27020SXC |
PREMIS(TM):SSCG EMI Reduction; Voltage(V): 2.5/3.3 V; Input Frequency Range: 48 MHz to 48 MHz; Output Frequency Range: 48 MHz to 48 MHz; Operating Range: 0 to 70 C; Package: SOIC 48 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Cypress Semiconductor, Corp.
|
LTC2321-12 LTC2321-16 LTC2321-14 LTC2311-16 LTC231 |
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
AD7322BRUZ EVAL-AD7322CBZ |
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO14 2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC 2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AHE2812D-MSTR AHE2812D/CH-SLV AHE2812D/CH-MSTR AHE |
Ultralow Power Dual Comparators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel, ±10V Input 12-Bit, 100ksps ADC Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换
|
International Rectifier, Corp. OlympicControls, Corp.
|
LTC2323-14-15 |
Dual, 14-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|