PART |
Description |
Maker |
CMIDSH1-3 PB-CMIDSH1-1509 |
CMJ0130_CMJH180 1.0A, 30V Low VF Schottky Rectifi er
|
Central Semiconductor Corp Central Semiconductor C...
|
SBE818 |
30V, 2.0A Rectifi er
|
Sanyo Semicon Device
|
STS4DPFS30L |
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFETMOSFET PLUS SCHOTTKY RECTIFIER P通道30V 0.07ohm -ASO - 8 MOSFET的普乐士STripFET⑩肖特基整流 P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET⑩ MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V 0.07 OHM 4A SO-8 STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SS0503EC |
Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
|
Sanyo Semicon Device
|
SS0503EC |
Low VF Schottky Barrier Diode 30V 0.5A Rectifier
|
Sanyo Semicon Device
|
SS3003CH |
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
|
Sanyo Semicon Device
|
EN8964 |
Schottky Barrier Diode, 30V, 3A, Low IR, Single CPH6
|
ON Semiconductor
|
NSR0530P2T5G |
Schottky Barrier Diode 30V 0.5A low VF SOD-923 Schottky Diode 0.5 A, 30 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor
|
CDBUR42 CDBUR43 |
Small Signal Schottky Diodes, V-RRM=30V, V-R=30V, I-O=200mA
|
Comchip Technology
|
CDBER54-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=30V, V-R=30V, I-O=0.2A
|
Comchip Technology
|
CDBUR54 |
Small Signal Schottky Diodes, V-RRM=30V, V-R=30V, I-O=200mA
|
Comchip Technology
|