PART |
Description |
Maker |
M24C02-WMN6P M24C02-WBN6P M24C16-RBN6P M24C16-WMN6 |
Enhanced ESD/latch-up protection, More than 40-year data retention 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I2C bus EEPROM
|
STMicroelectronics
|
UL1242N UL1242 |
Ukad wzmacniacza p.cz. UL1242N 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
|
List of Unclassifed Manufacturers Ultra CEMI ETC
|
M24C02-RDW6TP_S M24C01-RMN6TP_S M24C08-WMN6TP_S M2 |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I漏梅C bus EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I虏C bus EEPROM
|
STMicroelectronics
|
M24C02WMN5TG M24C02WMN5TP M24C01FDW3TG M24C04FDW3T |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I漏梅C bus EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I2C bus EEPROM
|
STMicroelectronics
|
M93C86-DS3TP/W M93C46-DS3TP/W M93C46-BN3G/W M93C46 |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16千位千位千位千位千位位或16位宽)MICROWIRE的㈢串行访问的EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16千位千位千位千位1千位位或16位宽)MICROWIRE的㈢串行访问的EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16千位千位4千位千位千位位或16位宽)MICROWIRE的㈢串行访问的EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16千位8千位千位千位千位8位或16位宽)MICROWIRE的㈢串行访问的EEPROM
|
意法半导 STMicroelectronics N.V.
|
M95040-MN6_W M95040-MN6_G M95040-MN6_S M95040-RMN6 |
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
|
STMICROELECTRONICS[STMicroelectronics]
|
UHR-5/4000-D48 UHR-12/1650-D48 UHR-12/1650-D12 UHR |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 型DC - DC电压转换 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 型DC - DC电压转换
|
EEPROM NIC Components, Corp. PLX Technology, Inc.
|
CA500A126 CA500A101 CA500A111 CA500A112 CA500A117 |
Serial real-time clock with 44 bytes NVRAM and reset 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 5V or 3V NVRAM supervisor for up to two LPSRAMs 5V or 3V NVRAM supervisor for up to 8 LPSRAMs Serial real-time clock 逻辑IC
|
TE Connectivity, Ltd.
|
M9306-RMN6T M93C86-BN3G M93C86-BN3P M93C86-BN3TG M |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE? serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE庐 serial access EEPROM 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
STMicroelectronics
|
M95160-W M95080 M95080-R M95080-W M95160 M95160-R |
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
|
STMICROELECTRONICS[STMicroelectronics]
|
M616Z08-20MH3 M616Z08-20MH3TR |
128 Kbit (8 Kbit X 16) SRAM with Output Enable
|
ST Microelectronics
|