PART |
Description |
Maker |
0850032995 85003-2995 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25μm (10μ) Selective Gold (Au), 32 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25渭m (10渭") Selective Gold (Au), 32 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
85013-3122 0850133122 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1μm (40μ) Selective Gold (Au), 96 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1渭m (40渭) Selective Gold (Au), 96 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 96 Circuits, Lead free
|
Molex Electronics Ltd.
|
36511-0169 MM-B1440-R963 0365110169 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10μm (43μ) Gold (Au) Plating, Tail Length 13.00mm (.512), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10渭m (43渭") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10楼矛m (43楼矛") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits
|
Molex Electronics Ltd.
|
36511-0122 0365110122 MMB1502R963 MM-B1502-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 4.50mm (.177), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
|
Molex Electronics Ltd.
|
85042-9025 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-5213 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850426098 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850423316 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 32 Circuits
|
Molex Electronics Ltd.
|
MM-B2500-R962 0365090074 36509-0074 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
0365010026 MM-B2502-C480 MMB2502C480 36501-0026 |
2.54mm (.100") Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 48 Circuits 2.54mm (.100) Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 48 Circuits
|
Molex Electronics Ltd.
|
0850132012 85013-2012 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse1μm (40μ) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse1渭m (40渭") Selective Gold (Au), 48 Circuits, Lead free
|
Molex Electronics Ltd.
|
0365000122 36500-0122 MM-B2502-C963 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
|