PART |
Description |
Maker |
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|
M30621MCM-F52GP M30621MCM-5P4GP M30621MCM-F40GP M3 |
RESISTOR, 330 (5V LED DROP) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
M34570E8 M34570E8FP M34570ED M34570EDFP M34570M4 M |
SINGLE-CHIP 4-BIT CMOS MICROCOMRUTER SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
80C32-L16 80C32-20 80C52-30 80C52-25 P80C32 80C32- |
CMOS 0 to 44 MHz Single Chip 8-bit Microntroller CMOS 0 to 44 MHz Single Chip 8?bit Microntroller CMOS 0 to 44 MHz Single Chip 8bit Microntroller 04岁的CMOS单芯兆赫?位Microntroller
|
Integrated Device Technology, Inc. Sharp, Corp. Welwyn Components, Ltd. Grayhill, Inc. TEMIC Semiconductors
|
M38064M2-FS M38064M2DFS M38064E3DFS M38060E1-FS M3 |
8-BIT, OTPROM, 4 MHz, MICROCONTROLLER, PQFP80 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Renesas Electronics Corporation
|
CXP82220 CXP82224 CXP-82220 CXP-82224 |
IC,MICROCONTROLLER,8-BIT,SPC700 CPU,CMOS,QFP,100PIN,PLASTIC CMOS 8-bit Single Chip Microcomputer
|
SONY[Sony Corporation]
|
LC6527C_H LC6528C_H LC6528H LC6528C LC6527C LC6527 |
SINGLE CHIP 4 BIT MICROCOMPUTERS FOR SMALL SCALE CONTROL ORIENTED APPLICATIONS 4位单片微机的小规模控制为导向的应 CMOS LSI SINGLE - CHIP 4-BIT MICROCOMPUTERS FOR SMALL - SCALE CONTROL-ORIENTED APPLICATIONS CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTERS FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS RES,Metal Film,1.24MOhms,250WV,1 /-% Tol,-250,250ppm-TC RoHS Compliant: Yes
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd.
|