PART |
Description |
Maker |
MB6S |
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
|
GOOD-ARK Electronics
|
1102UFE 1106E 1102FE 1102E 1106FE 1110FE 1110UFE |
200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
1106FC 1102C 1106C 1102UFC 1102FC 1106UFC 1110UFC |
600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time
|
Voltage Multipliers
|
1210FE 1206FE 1202FE 1202E 1206E 1202UFE |
1000 V single phase bridge 3.0 A forward current, 150 ns recovery time 600 V single phase bridge 3.0 A forward current, 150 ns recovery time 200 V single phase bridge 3.0 A forward current, 150 ns recovery time 200 V single phase bridge 3.0 A forward current, 3000 ns recovery time 600 V single phase bridge 3.0 A forward current, 3000 ns recovery time 200 V single phase bridge 3.0 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
RS401L08 RS407GL-BP RS406GL-BP RS401GL-BP RS402GL- |
4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 4A 1000V RS-4L 4 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 4A 200V RS-4L 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp. Micro Commercial Compon...
|
PDUMH15HVNET |
2.3-2.9kW Single-Phase Switched PDU with LX Platform network interface, 200-240V (8 C13), C14, 200-240V Input, 6.5ft Cord, 1U Rack-Mount, TAA
|
Tripp Lite. All Rights ...
|
KS621K20 |
Single Darlington Transistor Module (200 Amperes/1000 Volts)
|
Powerex Power Semiconductors
|
LTI602FT LTI602T LTI602UFT LTI606FT LTI606T LTI610 |
200 V three phase bridge 30-40 A forward current, 150 ns recovery time 200 V three phase bridge 30-40 A forward current, 3000 ns recovery time 200 V three phase bridge 30-40 A forward current, 70 ns recovery time 600 V three phase bridge 30-40 A forward current, 150 ns recovery time 600 V three phase bridge 30-40 A forward current, 3000 ns recovery time 1000 V three phase bridge 30-40 A forward current, 150 ns recovery time 1000 V three phase bridge 30-40 A forward current, 3000 ns recovery time 1000 V three phase bridge 30-40 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
MD6S MD5S MD7S MD1S MD2S MD3S MD4S |
SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere)
|
RECTRON[Rectron Semiconductor]
|
MP151 MP158 |
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components
|