PART |
Description |
Maker |
RE024 |
RE024 [Updated 2/03. 11 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 160 mA and as low as 5 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
RE029 |
A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 1.8V output voltage, rated for loads of up to 80 mA and as low as 5 mA. A typical application is baseband memory in mobile terminals.
|
Atmel
|
5405FM 4555BDM 5403DM 40537 4052BDM 40851 4081BDMQ |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 2-To-4-Line Demultiplexer 4-Channel Analog Multiplexer Monostable Multivibrator Shift RegisterQuad x4的SRAM Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits LED显示驱动 x1 SRAM x1的SRAM Synchronous Up Counter 同步设立摊位 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 单稳态触发器 Dual 4-input NAND Gate 4输入与非 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 输入与非 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit TTL电到的CMOS翻译
|
Air Cost Control Fairchild Semiconductor, Corp. Thomas TE Connectivity, Ltd. Rochester Electronics, LLC Glenair, Inc.
|
RE031NBSP RE031 |
A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage, rated f From old datasheet system
|
Atmel corp
|
RE030NBSP RE030 |
RE030 is a dual mode Low Drop Out (LDO) voltage regulator macrocell with programmable output voltage From old datasheet system
|
Atmel corp
|
MIC37252BR MIC37252BU MIC37252 |
2.5A, Low Voltage UCap LDO Regulator 2.5A Low Voltage UCap LDO Regulator 2.5A/ Low Voltage UCap LDO Regulator 2.5A, Low Voltage UCap LDO Regulator 1.24 V-5.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor, Inc.
|
443H 754H 1847E 547G 2544E 743E 555H 447 447H 647H |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits LOW LQ 250MA LDO, VIN 16V MAX, VOUT=4.0V, -40C to 125C, 3-SOT-223, TUBE Anything-to-LVPECL/LVDS Translators with Pin-Selectable Divide-by-Four Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits 8-Bit CODECs Wired Remote Controllers 光电 Optoelectronic 光电
|
Thomas RECOM Electronic GmbH
|
ILC7280AR2530X ILC7280AR2828X ILC7280AR2830X ILC72 |
Dual 0.15A Low Dropout Voltage Regulator Micropower Dual 150mA CMOS RF LDO Regulators Micropower Dual 150mA CMOS RF LDO-TM Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
LDR2533 LDR2533K7-R LDR2533PT-R LDR2518K7-R LDR332 |
VERY LOW DROP DUAL VOLTAGE REGULATOR VERY LOW DROP DUAL VOLTAGE REGULATOR 极低降双电压调节 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PS PPAK-5
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
XC6416GG01ER XC6416GG01MR XC6416GG02ER XC6416GG02M |
Dual LDO Voltage Regulator with 隆掳GreenOperation隆卤 Dual LDO Voltage Regulator with ??reenOperation??/a> Dual LDO Voltage Regulator with “GreenOperation?/a> Dual LDO Voltage Regulator with ??reenOperation??/a> Dual LDO Voltage Regulator with “GreenOperation?/a> Dual LDO Voltage Regulator with “GreenOperation?
|
Torex Semiconductor http://
|