Part Number Hot Search : 
KE200 C106BG SAM3U 10S47 ZS210 20000 AD2026 PWR1106C
Product Description
Full Text Search
  0.625 Datasheet PDF File

For 0.625 Found Datasheets File :: 21838    Search Time::1.938ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. GRS-625-BAFF-CX
OCR Text ...24 thd hex c hex b hex a .31 [8.0 mm] 2.31 [58.8 mm] center conductor cutting guide .067 [1.7 mm] dia. pin grs pin type connectors cable ser...625 grs-625-ch-du-02-t .137 .625 1-1/4 1-1/4 1-1/8 .750 grs-750-ch-du-01-t .167 .750 1-3/8 1-3/8 1-1...
Description CABLE TERMINATED, FEMALE, RF CONNECTOR

File Size 122.60K  /  9 Page

View it Online

Download Datasheet





   
Part No. G2-625-BAFF-P3
OCR Text ...[25.4 mm] 2.31 [58.8 mm] .31 [8.0 mm] conductor cutting guide center 5/8-24 thd .067 [1.7 mm] dia. pin hex b hex a g2 pin type connectors ca...625 g2-625-ch-p3 .137 .625 1-1/8 1-1/8 .750 g2-750-ch-p3 .167 .750 1-1/4 1-1/4 .875 g2-875-ch-p3 .19...
Description CABLE TERMINATED, FEMALE, RF CONNECTOR

File Size 212.62K  /  7 Page

View it Online

Download Datasheet

    ARC-625 TF-ARC-625-B

AAEON Technology
Part No. ARC-625 TF-ARC-625-B
OCR Text ...@ 40c, non-condensing vibration 0.5 g rms/ 5 ~ 500 hz/ operation (2.5 hard disk drive) 1.5 g rms/ 5~ 500 hz/ non operation shock 15 g peak a...625 16-10 dimension unit: mm passive backplane options model/name description remark tf- arc-625-b...
Description 2U 6-Slot Rackmount Chassis, Full-Size CPU Cards Support

File Size 332.05K  /  2 Page

View it Online

Download Datasheet

    ELD-625-323

EPIGAP optoelectronic GmbH
Part No. ELD-625-323
OCR Text ...g without standoff leads 4,8 - 0,4 Anode 3,4 - 0,3 2,9 - 2,0 0,6 - 0,2 Note: Special packages with standoff available on request ...625 616 18 20 80 630 nm nm nm deg. ns Note: All measurements carried out on EPIGAP equipment ...
Description LED - Lamp

File Size 86.07K  /  1 Page

View it Online

Download Datasheet

    TSR-625

Suntan Capacitors
Part No. TSR-625
OCR Text ...ax working voltage 100v 70 0.3watt (tk0.1watt) temperature range -30 to +85 (tk -10 to +70) temperature coefficient 250ppm...625 tsr-625c-r tsr-625m-f tsr-625m-r note: specification are subject to change w...
Description Trimmer Potentiometer-6mm Ceramic

File Size 564.50K  /  2 Page

View it Online

Download Datasheet

    ELD-625-523

EPIGAP optoelectronic GmbH
Part No. ELD-625-523
OCR Text ...t standoff leads 8,6 1 Anode 0,2 0,3 O5,9 O5,0 0,2 0,3 0,5 Note: Special packages with standoff available on request 2,54 ...625 608 618 18 20 10 628 Note: All measurements carried out on EPIGAP equipment We reserve t...
Description LED - Lamp

File Size 86.07K  /  1 Page

View it Online

Download Datasheet

    Carling Technologies
Part No. EA3-B0-26-625-1DA-EB EA1-B0-14-630-32E-BC EA3-B0-66-490-11A-GB EA2-B0-16-680-2DA-BC EA3-B0-22-625-12A-DC EA2-B0-16-650-2DA-BC EA1-B0-12-650-21A-BB EA3-X0-02-564-12A-BB EA1-B0-24-450-12A-CC
OCR Text ...tor (Class 3215 30, File 047848 0 000) CSA Standard C22.2 No. 235 Circuit Breaker Molded Case (Class 1432 01, File 093910), CSA Standard C22...625 25.000 630 30.000 635 35.000 640 40.000 650 50.000 660 60.000 670 70.000 680 80.000 690 90.000 8...
Description
File Size 1,440.46K  /  8 Page

View it Online

Download Datasheet

    Carling Technologies
Part No. CA2-B0-46-625-622-E C12-B0-34-640-131-E CA3-B0-34-640-121-C C11-B0-34-640-131-E CA1-B0-34-640-121-C CA2-B0-34-640-121-C CA2-BO-34-640-121-C C11-B0-34-645-131-E CA2-BO-34-650-121-C C12-B0-34-650-131-E CA1-B0-34-650-121-C CA2-BO-34-620-121-C CA1-BO-34-610-121-C CA2-BO-34-630-121-C CA2-BO-34-615-121-C CA1-B0-34-680-3B1-C CA3-X0-11-588-121-CJ CA3-X0-10-569-121-CJ C12-B0-34-635-131-E C12-B0-34-620-131-E C12-B0-34-450-131-E C12-B0-34-610-131-E C12-B0-34-625-131-E C12-B0-34-630-131-E C12-B0-34-615-131-E CJ2-B2-26-670-33J-D CJ2-B2-26-650-33J-D CA2-B0-26-610-121-C CA2-B0-26-620-111-D CA1-B0-26-620-121-C CC2-B0-22-650-33C-D. CB4-X0-04-053-11C-D CA2-B0-26-650-121-C CA2-B0-26-660-321-C CA1-B0-36-620-121-VG CD1-B0-14-810-33A-C CA2-B4-14-810-311-L CA2-B0-46-615-622-E CA2-B0-46-610-121-D CA1-B2-14650-121C CF1-B2-12-690-33A-C CA1-B0-12-620-3D1-C CA2-B0-24-640-121-C CA1-B2-12-630-A21-MG CA1-B0-12-660-3D1-C
OCR Text ...longer contact life; 1-6 poles, 0.02 - 100 amps, up to 480 VAC or 80 VDC, UL489 up to 240 VAC or 125 VDC, with choice of time delays and act...625 25.000 630 30.000 635 35.000 640 40.000 650 50.000 6609 60.000 6709 70.000 6809 80.000 6859 85.0...
Description
File Size 3,819.90K  /  22 Page

View it Online

Download Datasheet

    MKK480-D-6.25-01 B25667B4866A375

EPCOS
Part No. MKK480-D-6.25-01 B25667B4866A375
OCR Text ...ta) 480 V AC 50 Hz 6.25 kvar 8A 0.2 W / kvar 60 Hz 7.5 kvar 9A Maximum ratings Vmax (up to 8 h daily) Vmax (up to 1 min) Imax IS 530 V AC 620 V AC 1.3 * IR (A) (including combined effects of harmonics, overvoltages and capacitance toler...
Description PhaseCap Premium capacitors

File Size 138.04K  /  9 Page

View it Online

Download Datasheet

    N6NY-010-0-C

List of Unclassifed Manufacturers
Part No. N6NY-010-0-C
OCR Text 0-c upc number: 72849407453 status: active description: cable clamp plain edge black nylon 6/6 #10 screw mounting with closed diameter 0.625 features fully radiused inside edges with size markings in ...
Description Plain Edge Cable Clamps T B Catalog Number

File Size 31.02K  /  1 Page

View it Online

Download Datasheet

For 0.625 Found Datasheets File :: 21838    Search Time::1.938ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.625

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1005311012268