PART |
Description |
Maker |
MX009 |
Digitally Controlled Amp Array OCTAL DIGITALLY CONTROLLED AMPLIFIER ARRAY
|
CML Microcircuits
|
X93156WM8IZ-2.7 X93156 X93156UM8I-2.7 X93156UM8IZ- |
Digitally Controlled Potentiometer :SEMITOP-4; Voltage, Vceo:600V; Voltage, Vce sat max:1.9V; Current, Ic continuous a Digitally Controlled Potentiometer 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL90462 ISL90462WIH627Z-TK ISL90462TIE627-TK ISL9 |
Digitally Controlled Potentiometer (XDCP) 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Digitally Controlled Potentiometer (XDCP) 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Single Volatile 32-tap Digitally Controlled Potentiometer (XDCP™)
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
X9111_06 X9111 X9111TV14 X9111TV14-2.7 X9111TV14I |
Single Digitally-Controlled (XDCP? Potentiometer Single Digitally-Controlled (XDCP⑩) Potentiometer
|
http:// INTERSIL[Intersil Corporation]
|
X9252 X9252TV24-2.7 X9252TV24I-2.7 X9252UV24-2.7 X |
Quad Digitally-Controlled (XDCPTM) Potentiometer Quad Digitally-Controlled (XDCP) potentiometer
|
XICOR[Xicor Inc.]
|
X9421YS16 X9421YS16IZ X9421YV14 X9421YV14I X9421YV |
Single Digitally Controlled (XDCP? Potentiometer Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R Single Voltage Potentiometer
|
Intersil Corporation Intersil, Corp.
|
EPA1145-75 EPA1145-250 EPA1145-350 EPA1145-4 EPA11 |
Tapped Delay Line Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: -40°C to 85°C; Package: 24-PDIP Dual Digitally Controlled Potentiometer (XDCPs); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Low Noise, Low Power, 2-Wire Bus Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP 抽头延迟
|
Molex, Inc.
|
X93256WV14I-2.7T1 X93256UV14I-2.7 |
Dual Digitally Controlled Potentiometers (XDCPs™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R DUAL 12.5K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO14 Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil, Corp. Intersil Corporation
|
EPA1130G-44 EPA1130-350 EPA1130G-75 EPA1130G-250 E |
Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Sony, Corp.
|
X9401WS24IZ-2.7 X9401WV24IZ X9401WS24IZT1 X9401WS2 |
Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP? Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R QUAD 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
Intersil Corporation Intersil, Corp.
|
EPA1130G-350 EPA1130G-125 EPA1130G-300 EPA1130G-50 |
DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|8PIN|PLASTIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-PDIP Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-PDIP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-PDIP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 8引脚|塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
数字电位
|