Part Number Hot Search : 
561KD10 8201XA ELM304P E4001 9128M00 XXXXXBG UMA70CA YDW20
Product Description
Full Text Search
  tapped Datasheet PDF File

For tapped Found Datasheets File :: 844    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MQ-WXXX MQ-W MQ-W20 MQ-W20A-DC12-24V MQ-W20A-DC12-24VEM MQ-W20AR-DC12-24V MQ-W20AR-DC12-24VEM MQ-W20C-DC12-24V MQ-W20C-D

Electronic Theatre Controls, Inc.
SunX
ETC[ETC]
List of Unclassifed Manufacturers
Part No. MQ-WXXX MQ-W MQ-W20 MQ-W20A-DC12-24V MQ-W20A-DC12-24VEM MQ-W20AR-DC12-24V MQ-W20AR-DC12-24VEM MQ-W20C-DC12-24V MQ-W20C-DC12-24VEM MQ-W20CR-DC12-24V MQ-W20CR-DC12-24VEM MQ-W3 MQ-W3A-DC12-24V MQ-W3A-DC12-24VEM MQ-W3AR-DC12-24V MQ-W3AR-DC12-24VEM MQ-W3C-DC12-24V MQ-W3C-DC12-24VEM MQ-W3CR-DC12-24V MQ-W3CR-DC12-24VEM MQ-W70 MQ-W70A-DC12-24V MQ-W70A-DC12-24VEM MQ-W70C-DC12-24V MQ-W70C-DC12-24VEM
OCR Text ...130 25.40.2 .130 2-M4 (P = 0.6) tapped 1 inch 1 M.S.:* M4 or #6 6.3 .039 .248 32 1.260 25.40.2 1 inch 6.3 .248 11.7 .461 3.3 .130 (17) 10.7 (.669) .421 4.4 24.4 .173 (1 inch) 2.2 .087 6.3 .248 7.3 .287 44.8 1.764 24 .945 10.9 .429 ...
Description Triple Beam Trigonometric Area Reflective Photoelectric Sensors 三角区的三束反射光电传感
RECTIFIER SCHOTTKY SINGLE 5A 60V 175A-ifsm 0.7V-vf 0.5mA-ir TO220AC 50/TUBE
RECTIFIER SCHOTTKY SINGLE 5A 50V 175A-ifsm 0.7V-vf 0.5mA-ir TO220AC 50/TUBE

File Size 236.05K  /  6 Page

View it Online

Download Datasheet





    AN155

Silicon Laboratories
Part No. AN155
OCR Text ...motor. The motor has two center-tapped windings with six wires emanating from the motor as shown in Figure 1. This type of motor is sometimes rather confusingly called a four-phase motor. This is not an accurate representation as the motor ...
Description STEPPER MOTOR REFERENCE DESIGN

File Size 410.91K  /  36 Page

View it Online

Download Datasheet

    MC1350D MC1350P ML1350PP ML1350 ML1350-5P

LANSDALE Semiconductor Inc.
Part No. MC1350D MC1350P ML1350PP ML1350 ML1350-5P
OCR Text ...st be supplied through a center-tapped tuning coil to Pins 1 and 8. The 12 V supply (V+) at Pin 2 may be used for this purpose, but output admittance remains more nearly constant if a separate 15 V supply (V+ +) is used, because the base vo...
Description Monolithic IF Amplifier

File Size 578.65K  /  6 Page

View it Online

Download Datasheet

    Lambda
Part No. SWS300 SWS600
OCR Text ...0 outline drawing see note "c" (tapped at the bottom chassis) (tapped on both sides) see note "c" see note "c" (tapped on both sides) name plate hole at the opposite chassis + + + name plate 150?0.5 70?0.5 120?1 7-m3.5 92?1 8-m4 50?0.5 21 (...
Description (SWS300 / SWS600) Single Output General Purpose Power Supplies

File Size 458.97K  /  2 Page

View it Online

Download Datasheet

   
Part No. LA070URD30TTI0500 LA070URD30TTI0550
OCR Text ...short blade catalog no. type ki tapped terminal catalog no. type tti 63 700 0.2 1.2 14 la070urd30li0063 la070urd30ki0063 la070urd30tti0063 80 700 0.33 1.9 19 la070urd30li0080 la070urd30ki0080 la070urd30tti0080 100 700 0.47 2.7 26 la070urd30...
Description VERY FAST BLOW ELECTRIC FUSE, 500A, 700VAC, 200000A (IR), INLINE/HOLDER
VERY FAST BLOW ELECTRIC FUSE, 550A, 700VAC, 200000A (IR), INLINE/HOLDER

File Size 163.95K  /  5 Page

View it Online

Download Datasheet

    Bourns Inc.
BOURNS[Bourns Electronic Solutions]
Part No. 2CFA-330_470M-Q20T 2CFA 2CFA-330_470M-Q20R 2CFA-330/470M-Q20T 2CFA-330/470M-Q20R
OCR Text ...*R Thin Film on Silicon 2CFA tapped RC Filter General Information Package Schematic tapped Filters are typically used for filtering EMI and RFI on high-speed data lines connecting computer with peripheral. These Silicon-based, Tantal...
Description Thin Film on Silicon 2CFA tapped RC Filter

File Size 226.31K  /  3 Page

View it Online

Download Datasheet

    CB16 CB6 CB6/3H CB6/2H CB6/1 CB16/2H CB16/3H CB4/3H CB4/2H CB4/1

Altech corporation
Part No. CB16 CB6 CB6/3H CB6/2H CB6/1 CB16/2H CB16/3H CB4/3H CB4/2H CB4/1
OCR Text ...olyamide 6.6 2 screw clamps & 1 tapped hole for cross connection -- 6 mm 29 x 46 mm 9 mm Polyamide 6.6 2 screw clamps, 2 solder points and 1 tapped hole for cross connection -- C US C US Wire Range Voltage Rating Current R...
Description HIGH TEMPERATURE CERAMIC EUROBLOCKS

File Size 615.43K  /  5 Page

View it Online

Download Datasheet

    CTS2.5U-N

Altech corporation
Part No. CTS2.5U-N
OCR Text ...olyamide 6.6 2 screw clamps & 1 tapped hole for cross connection C US AEx eII EEx eII 6 mm 45 x 43 mm 9 mm Polyamide 6.6 2screwclamps&1tappedholeforcrossconnection C US C 22-12 AWG 600V 25 A 7 lb-in Cat. No. CTS2.5U-N EP2.5/4UN P...
Description FEED-THROUGH 35 or 32mm DIN Rail

File Size 2,827.37K  /  40 Page

View it Online

Download Datasheet

    FWP-350A KBC-60 KAC-600 KBC-600 FWA KAC-40 KAC-400 KAC-45 KAC-450 FWP-300A FWH-1600A

Cooper Bussmann, Inc.
Part No. FWP-350A KBC-60 KAC-600 KBC-600 FWA KAC-40 KAC-400 KAC-45 KAC-450 FWP-300A FWH-1600A
OCR Text ... D -- -- 1.5 Thread Depth tapped 38"-24 x 12" tapped 12"-20 x 12" tapped 12"-20 x 12" Fig. 1: 1000-3000A Fig. 2: 4000A * * * * * * * * Features and Benefits Excellent dc performance Low arc voltage and low energy let-throu...
Description High Speed Fuses

File Size 747.45K  /  20 Page

View it Online

Download Datasheet

    WBC-T0303CRGG-01-2004-KD WBC-T0303CRGG-01-2004-KF WBC-T0303CRGG-01-2004-KG WBC-T0303CRGG-01-2004-KJ WBC-T0303CRAS-01-200

IRC - a TT electronics Company.
Part No. WBC-T0303CRGG-01-2004-KD WBC-T0303CRGG-01-2004-KF WBC-T0303CRGG-01-2004-KG WBC-T0303CRGG-01-2004-KJ WBC-T0303CRAS-01-2004-GD WBC-T0303CRAS-01-2004-GF WBC-T0303CRAS-01-2004-GG WBC-T0303CRAS-01-2004-GJ WBC-T0303CRAG-01-2004-GD WBC-T0303CRAG-01-2004-GF WBC-T0303CRAG-01-2004-GG WBC-T0303CRAG-01-2004-GJ WBC-R0202CRGG-01-2004-GD WBC-R0202CRGG-01-2004-GF WBC-R0202CRGG-01-2004-GG WBC-R0202CRGG-01-2004-GJ WBC-R0202CRAS-01-2004-KD WBC-R0202CRAS-01-2004-KF WBC-R0202CRAS-01-2004-KG WBC-R0202CRAS-01-2004-KJ WBC-B0202CRGS-01-2004-GD WBC-B0202CRGS-01-2004-GF WBC-B0202CRGS-01-2004-GG WBC-B0202CRGS-01-2004-GJ WBC-B0202CRGG-01-2004-GD WBC-T0303CRGG-01-2004-GD WBC-B0202CRGG-01-2004-GF WBC-T0303CRGG-01-2004-GF WBC-B0202CRGG-01-2004-GG WBC-T0303CRGG-01-2004-GG WBC-B0202CRGG-01-2004-GJ WBC-T0303CRGG-01-2004-GJ WBC-R0202CRGG-01-2004-JD WBC-B0202CRGG-01-2004-JD WBC-T0303CRGG-01-2004-JD WBC-R0202CRGG-01-2004-JF WBC-B0202CRGG-01-2004-JF WBC-T0303CRGG-01-2004-JF WBC-R0202CRGG-01-2004-JG WBC-B0202CRGG-01-2004-JG WBC-T0303CRGG-01-2004-JG WBC-R0202CRGG-01-2004-JJ WBC-B0202CRGG-01-2004-JJ WBC-T0303CRGG-01-2004-JJ WBC-R0202CRGG-01-2004-KD WBC-B0202CRGG-01-2004-KD WBC-R0202CRGG-01-2004-KF WBC-B0202CRGG-01-2004-KF
OCR Text tapped schematics * MIL inspection available * High resistor density IRC Advanced Film Division IRC's WBC-CR series now brings higher ohmic range thin film capabilities to hybrid applications. Using IRC's new CHROMAXXTM film system on...
Description Wire Bondable High Range Chip Resistors

File Size 371.14K  /  3 Page

View it Online

Download Datasheet

For tapped Found Datasheets File :: 844    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tapped

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.70730996131897