PART |
Description |
Maker |
APT10026L2LL_03 APT10026L2LL APT10026L2LL03 APT100 |
Power MOS 7 is a new generation of low loss, high voltage, N-Channel Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. 38 A, 1000 V, 0.26 ohm, N-CHANNEL, Si, POWER, MOSFET TO-264MAX, 3 PIN
|
Microsemi Corporation ADPOW[Advanced Power Technology] Microsemi, Corp.
|
APT5014BLL APT5014SLL |
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS 电源MOS 7TM是一个低损耗,高电压,N沟道增强模式的新一代功率MOSFET Power MOS 7TM is a new generation of low loss/ high voltage/ N-Channel enhancement mode power MOSFETS Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS 7 500V 35A 0.140 Ohm
|
Advanced Power Technology, Ltd.
|
STW21NM50N STF21NM50N STB21NM50N-1 STP21NM50N STP2 |
N-channel 500V - 0.15Ω - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh Power MOSFET N-channel 500V - 0.15ヘ - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
GT60N321 |
Insulated Gate Bipolar Transistor Silicon N Channel IGBT High Power Switching Applications The 4th Generation High Power Switching Applications The 4th Generation 高功率转换应用的第四
|
Toshiba, Corp.
|
STD11NM60N STF11NM60N STB11NM60N-1 STP11NM60N STD1 |
N-channel 600V - 0.37楼? - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.37Ω - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh Power MOSFET N-channel 600V - 0.37Ω - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh?/a> Power MOSFET
|
STMicroelectronics
|
IRF7311TR IRF7311TRPBF |
Generation V Technology 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package 6.6 A, 20 V, 0.029 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
International Rectifier
|
STW21NM60N STP21NM60N STF21NM60N STP21NM60N08 STB2 |
N-channel 600 V - 0.17 Ω - 17 A TO-220 - TO-220FP - D2PAK - I2PAK - TO-247 second generation MDmesh Power MOSFET N-channel 600 V - 0.17 Ω - 17 A TO-220 - TO-220FP - D2PAK - I2PAK - TO-247 second generation MDmesh?/a> Power MOSFET N-channel 600 V - 0.17 ヘ - 17 A TO-220 - TO-220FP - D2PAK - I2PAK - TO-247 second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
APT8020JFLL |
40 A, 800 V, 0.22 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
|
MICROSEMI[Microsemi Corporation]
|
APT10021JLL_04 APT10021JLL APT10021JLL04 |
Power MOS 7 is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. 37 A, 1000 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET ISOTOP-4
|
Advanced Power Technolo... ADPOW[Advanced Power Technology] Microsemi, Corp.
|
KRF7313 |
Generation V Technology Ultra Low On-Resistance Dual N-Channel Mosfet
|
TY Semiconductor Co., Ltd
|
APT5010B2LL |
Power MOS 7 is a new generation of low loss, high voltage, N-Channel
|
Microsemi Corporation
|
KRF7301 |
Generation V Technology Ultra Low On-Resistance Dual N-Channel Mosfet
|
TY Semiconductor Co., Ltd
|