Part Number Hot Search : 
IRF713 SC2544 DR251 78R03 QPA2237 MAX893 100PC MRF5711L
Product Description
Full Text Search
  second Datasheet PDF File

For second Found Datasheets File :: 55614    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LTC2451ITS8 LTC2451CTS8 LTC2451CDDB-TRMPBF LTC2451CDDB-TRPBF LTC2451IDDB-TRMPBF LTC2451IDDB-TRPBF

Linear Technology
Part No. LTC2451ITS8 LTC2451CTS8 LTC2451CDDB-TRMPBF LTC2451CDDB-TRPBF LTC2451IDDB-TRMPBF LTC2451IDDB-TRPBF
OCR Text ...ble of up to 60 conversions per second and, due to the very large oversampling ratio, has extremely relaxed antialiasing requirements. In the 30Hz mode, the LTC2451 includes continuous internal offset calibration algorithms which are transp...
Description Ultra-Tiny, 16-Bit ?危 ADC with I2C Interface
Ultra-Tiny, 16-Bit ΔΣ ADC with I2C Interface

File Size 211.37K  /  16 Page

View it Online

Download Datasheet





    2N5191G

ON Semiconductor
Part No. 2N5191G
OCR Text ...verage junction temperature and second breakdown. safe operating area curves indicate i c ? v ce limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation tha...
Description Silicon NPN Power Transistors

File Size 81.52K  /  6 Page

View it Online

Download Datasheet

    Littelfuse, Inc.
Part No. SPHV15-01ETG-C
OCR Text ...uidus) temp (t l ) to peak 3c/second max t s(max) to t l - ramp-up rate 3c/second max refow - temperature (t l ) (liquidus) 217c - temperature (t l ) 60 C 150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual pe...
Description SPHV-C Series 200W Discrete Bidirectional TVS Diode

File Size 803.77K  /  6 Page

View it Online

Download Datasheet

    BCX69M3

Cystech Electonics Corp.
Part No. BCX69M3
OCR Text ...amp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained a...
Description General Purpose PNP Epitaxial Planar Transistor

File Size 207.39K  /  6 Page

View it Online

Download Datasheet

    ECLIPTEK CORP
Part No. E1SAA16-25.000MTR
OCR Text ... ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum ti...
Description QUARTZ CRYSTAL RESONATOR, 25 MHz

File Size 191.65K  /  5 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...p/down control with 4 steps per second Pin-selectable zero-scale/midscale preset Low potentiometer mode tempco, 5 ppm/C Low rheostat mode tempco, 35 ppm/C Digital control compatible Ultralow power, IDD = 0.4 A typ and 3 A max Low operating ...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    ECLIPTEK CORP
Part No. E1SAA16-13.500M
OCR Text ... ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum ti...
Description CRYSTALS 50/100 0 70 16PF 13.500MHZ ATCUT FUND HC-49/UP

File Size 120.87K  /  4 Page

View it Online

Download Datasheet

    BTB1238AL3

Cystech Electonics Corp.
Part No. BTB1238AL3
OCR Text ...amp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained a...
Description Silicon PNP Epitaxial Planar Transistor

File Size 214.67K  /  7 Page

View it Online

Download Datasheet

    BTB1238AM3

Cystech Electonics Corp.
Part No. BTB1238AM3
OCR Text ...amp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained a...
Description Silicon PNP Epitaxial Planar Transistor

File Size 209.73K  /  7 Page

View it Online

Download Datasheet

For second Found Datasheets File :: 55614    Search Time::1.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of second

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3596699237823