Part Number Hot Search : 
TK15H50C N2803 PM6FHXX UC251 BSP17 SY5860 74LS43 61C3UR0
Product Description
Full Text Search

OR3C55 - Field-Programmable Gate Arrays(现场可编程门阵列)

OR3C55_929064.PDF Datasheet

 
Part No. OR3C55 OR3C80
Description Field-Programmable Gate Arrays(现场可编程门阵列)

File Size 184.35K  /  8 Page  

Maker

Lineage Power



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: OR2C04A-2T144
Maker: ORCA
Pack: QFP
Stock: 34
Unit price for :
    50: $11.08
  100: $10.52
1000: $9.97

Email: oulindz@gmail.com

Contact us

Homepage
Download [ ]
[ OR3C55 OR3C80 Datasheet PDF Downlaod from Datasheet.HK ]
[OR3C55 OR3C80 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for OR3C55 ]

[ Price & Availability of OR3C55 by FindChips.com ]

 Full text search : Field-Programmable Gate Arrays(现场可编程门阵列)


 Related Part Number
PART Description Maker
OR2C12A-5J84I OR2C12A-7BC240I OR2C12A-7BC256 OR2C1 Field-Programmable Gate Arrays
etc
ATT3000 ATT3020-100H68I ATT3020-100J68I ATT3020-10 FIELD-PROGRAMMABLE GATE ARRAYS
ETC[ETC]
ATT3030-50H68I ATT3030-50S44I ATT3030-50S68I ATT30 Field-Programmable Gate Arrays 现场可编程门阵列
Electronic Theatre Controls, Inc.
Rubycon, Corp.
AT6003-2QI AT6000 T6000 AT6002 AT6002-2AC AT6002-2 Coprocessor Field Programmable Gate Arrays
ATMEL[ATMEL Corporation]
XC5200-FPGAS XC5200-SERIES XC5200 FPGAs
Field Programmable Gate Arrays
Xilinx
XC4000X XC4000E DS006 Series Field Programmable Gate Arrays
From old datasheet system
Xilinx
XC4000E XC4002XL XC4003E XC4005E XC4005XL XC4006E Logic Cell Array Family
Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes
MB 41C 27#20 14#16 PIN PLUG
Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes
FAN 220AC BISCUIT BT3A1 W/O FG
RES, POT 2K 10% .5W 25T CE T.A
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Zero Cross; Load Current Min:0.04A
RES POT 5K00 PT 25T TA CE 3/8
XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E和XC4000X系列现场可编程门阵列
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP240
High Insulation Power Relay (Sealed 1 Form C 1-Coil Latch) FPGA, 324 CLBS, 6000 GATES, 111 MHz, PQFP208
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP176
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 111 MHz, PQFP240
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP144
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP144
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP208
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP208
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP208
Labels; External Height:0.5"; External Width:0.5"; Label Material:Nylon-Cloth FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP160
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 238 MHz, PBGA256
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 217 MHz, PBGA256
RESISTOR-VARIABLE,LINEAR 50K,20 TURN,3/8 XC4000E和XC4000X系列现场可编程门阵列
RESISTOR-VARIABLE,LINEAR 20K,20 TURN XC4000E和XC4000X系列现场可编程门阵列
RESISTOR-VARIABLE,LINEAR 100K,20 TURN FPGA, 576 CLBS, 10000 GATES, 217 MHz, PBGA256
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP240
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP240
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 217 MHz, PQFP100
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 166 MHz, PQFP160
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 179 MHz, PQCC84
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP160
XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000EXC4000X系列现场可编程门阵列
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP208
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 200 MHz, PQFP208
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP100
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP208
XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 179 MHz, PQFP160
SureGrip Hook Test Clips; For Use With:Fluke TL222 and TL224 Test Leads; Color:One Red, One Black RoHS Compliant: NA
Xilinx, Inc.
TE Connectivity, Ltd.
XILINX INC
PLUS173B PLUS173BA PLUS173BN PLUS173D PLUS173DA PL Programmable logic arrays 22 42 10
KPSE 10C 10#20 PIN PLUG
Programmable logic arrays 22 】 42 】 10
Programmable logic arrays 22 42 10
Programmable logic arrays 22 × 42 × 10
PHILIPS[Philips Semiconductors]
NXP Semiconductors
PLS153 PLS153A PLS153AA PLS153AN PLS153N Programmable logic arrays 18 42 10 OT PLD, 30 ns, PDIP20
Programmable logic arrays 18 42 10 OT PLD, 30 ns, PQCC20
Programmable logic arrays 18 42 10 可编程逻辑阵列18420
Programmable logic arrays 18 × 42 × 10
Programmable logic arrays 18 42 10
Programmable logic arrays 18 】 42 】 10
NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
XC2V10000 XC2V2000 Virtex-II 1.5V Field-Programmable Gate Arrays(Virtex-II 1.5V 现场可编程门阵列) 的Virtex - II 1.5V的现场可编程门阵列(的Virtex - II 1.5V的现场可编程门阵列)
Xilinx, Inc.
 
 Related keyword From Full Text Search System
OR3C55 reset OR3C55 Speed OR3C55 complimentary against OR3C55 motor OR3C55 header
OR3C55 bit OR3C55 alldatasheet OR3C55 driver OR3C55 single OR3C55 Device
 

 

Price & Availability of OR3C55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.3030230998993