Part Number Hot Search : 
405DH3 1A5157M0 BCR5K 1N476 AB12T4V1 1A5157M0 ZME50 120N6
Product Description
Full Text Search
  field-programmable Datasheet PDF File

For field-programmable Found Datasheets File :: 5162    Search Time::2.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Xilinx
Part No. XC18V00-SERIES-OF-IN-SYSTEM-PROGRAMMABLE XC18V256VQ44C XC18V256VQ44I XC18V512VQ44C XC18V512VQ44I
OCR Text ...d in figure 3 . the isp status field, ir(4), contains logic ? 1 ? if the device is currently in isp mode; otherwise, it contains logic ?...programmable scratch pad typically used to supply informa- tion about the device ? s programmed cont...
Description XC18V00 Series of In-System Programmable Configuration PROMs
In-system programmable configuration PROM.

File Size 217.54K  /  19 Page

View it Online

Download Datasheet





    CY2XF33LXCXXXT CY2XF33FLXCT CY2XF33FLXIT CY2XF33LXIXXXT

Cypress Semiconductor
Part No. CY2XF33LXCXXXT CY2XF33FLXCT CY2XF33FLXIT CY2XF33LXIXXXT
OCR Text ...ctory configured device or as a field programmable device. Low Jitter Crystal Oscillator (XO) Less than 1 ps Typical RMS Phase Jitter Differential LVDS Output Output Frequency from 50 MHz to 690 MHz Two Frequency Margining Control Pins (...
Description 6-Pin Ceramic LCC SMD - Tape and Reel

File Size 305.98K  /  7 Page

View it Online

Download Datasheet

    CY25200FZXC CY25200FZXCT CY25200ZXCXXXW CY25200ZXCXXXWT CY2520007

Cypress Semiconductor
Part No. CY25200FZXC CY25200FZXCT CY25200ZXCXXXW CY25200ZXCXXXWT CY2520007
OCR Text ... Output frequency select option field-programmable Package: 16 pin TSSOP Suitable for most PC peripherals, networking, and consumer applications. Provides wide range of spread percentages for maximum EMI reduction to meet regulatory agen...
Description Programmable Spread Spectrum Clock Generator for EMI Reduction

File Size 285.99K  /  12 Page

View it Online

Download Datasheet

    UMA1022M

NXP Semiconductors
Part No. UMA1022M
OCR Text ... (dt15 to dt0) make up the data field, while the trailing three bits (ad2 to ad0) comprise an address field. The UMA1022M uses 4 of the 8 available addresses. The data format is shown in Table 1. The first bit entered is dt15, the last bit ...
Description Low cost dual frequency synthesizer for radio telephones

File Size 130.88K  /  20 Page

View it Online

Download Datasheet

    UMA1020 UMA1020AM

NXP Semiconductors
Part No. UMA1020 UMA1020AM
OCR Text ...e leading bits make up the data field, while the trailing four bits are an address field. The UMA1020AM uses 5 of the 16 available addresses. The data format is shown in Table 1. The first entered bit is p1, the last bit is p21. The trailin...
Description Low-voltage dual frequency synthesizer for radio telephones

File Size 156.16K  /  20 Page

View it Online

Download Datasheet

    CY2X014LXI106T12 CY2X014LXI132T12 CY2X014LXI12512 CY2X014LXI122T12 CY2X014FLXIT12 CY2X014LXI155T12 CY2X014LXI312T12 CY2X

Cypress Semiconductor
Part No. CY2X014LXI106T12 CY2X014LXI132T12 CY2X014LXI12512 CY2X014LXI122T12 CY2X014FLXIT12 CY2X014LXI155T12 CY2X014LXI312T12 CY2X014LXI311T12 CY2X014LXI312T-12 CY2X014LXI212T-12 CY2X014LXI156T-12 CY2X014LXI159T-12
OCR Text ... 690 mhz factory-configured or field-programmable integrated phase-locked loop (pll) output enable or power-down function supply voltage: 3.3 v or 2.5 v pb-free package: 5.0 x 3.2 mm leadless chip carrier (lcc) commercial and industri...
Description Low Jitter LVPECL Crystal Oscillator

File Size 333.07K  /  15 Page

View it Online

Download Datasheet

    RT3PE600L-1CG484B RT3PE3000L-CG484B RT3PE3000L-1CG484B RT3PE600L-LG484B RT3PE600L-1LG484B RT3PE3000L-LG484B RT3PE3000L-1

Actel Corporation
Part No. RT3PE600L-1CG484B RT3PE3000L-CG484B RT3PE3000L-1CG484B RT3PE600L-LG484B RT3PE600L-1LG484B RT3PE3000L-LG484B RT3PE3000L-1LG484B RT3PE600L-CG484B
OCR Text ...ages of manufacturing or in the field. The ability of RT ProASIC3 devices to support a 1.2 V core voltage allows for an even greater reducti...programmable logic device security solution available today. RT ProASIC3 devices with AES-based secu...
Description Radiation-Tolerant ProASIC3 Low-Power Space- Flight Flash FPGAs

File Size 4,723.67K  /  144 Page

View it Online

Download Datasheet

    Zarlink Semiconductor
Part No. ZL50407GDC
OCR Text ... based priority ? vlan priority field in vlan tagged frame ? ds/tos field in ip packet ? udp/tcp logical ports: 8 hard-wired and 8 programmable ports, including one programmable range ? the precedence of the above classifications is program...
Description Lightly managed/unmanaged 8-port 10/100M 1-port 10/100/1000M ethernet switch.

File Size 720.52K  /  125 Page

View it Online

Download Datasheet

    UMA1020M

NXP Semiconductors
Part No. UMA1020M
OCR Text ...e leading bits make up the data field, while the trailing four bits are an address field. The UMA1020M uses 6 of the 16 available addresses. The data format is shown in Table 1. The first entered bit is p1, the last bit is p21. The trailing...
Description Low-voltage dual frequency synthesizer for radio telephones

File Size 159.88K  /  20 Page

View it Online

Download Datasheet

For field-programmable Found Datasheets File :: 5162    Search Time::2.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of field-programmable

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1604149341583