PART |
Description |
Maker |
P-XC-111 QRP-8P-C QR_P-12P-C QR_P-12P-C01 QR_P-12S |
TL Series Toggle Switch, 1 pole, 3 position, Screw terminal, Locking Lever, Military Part Number MS24658-21M QR/P SERIES PLUG-IN CRIMP CONNECTORS 名册/ P系列插入式压接连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
19193-0089 19193-0074 19193-0073 19193-0092 19193- |
RING VERSAKRIMP (BB-339-08) 2 mm2, COPPER ALLOY, RING TERMINAL VERSAK RING TERM 16-14 BB-325-56 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-325-14T) 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-339-10T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930007 0.8 mm2, COPPER ALLOY, RING TERMINAL 191930078 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-337-06T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930017 0.8 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP (B-830-56HD) 2 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP TAPED (AA-8111-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (AA-832-08) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (AA-832-06T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Insulator Color:Red; Series:RING AVIKRIMP TAPED (AA-832-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (B-830-14HD) 2 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
AM29F017D-90FC AM29F017D-70FC AM29F017D-150FC AM29 |
LM340/LM78XX Series 3-Terminal Positive Regulators; Package: TO-263; No of Pins: 3; Qty per Container: 45; Container: Rail CAT 5E PATCH CORD, BLACK 10FT LM340/LM78XX Series 3-Terminal Positive Regulators; Package: TO-3; No of Pins: 2; Qty per Container: 50; Container: Tray LM140L/LM340L Series 3-Terminal Positive Regulators; Package: TO-39; No of Pins: 3; Qty per Container: 500; Container: Box LM140L/LM340L Series 3-Terminal Positive Regulators; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box LM340/LM78XX Series 3-Terminal Positive Regulators; Package: TO-263; No of Pins: 3; Qty per Container: 500; Container: Reel 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 16兆位米8位)的CMOS 5.0伏只,统一部门快闪记忆 LM3410/LM3410Q 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation; Package: MINI SOIC EXP PAD; No of Pins: 8; Qty per Container: 1000; Container: Reel 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 LM340/LM78XX Series 3-Terminal Positive Regulators; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 LM3410/LM3410Q 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation; Package: SOT-23; No of Pins: 5; Qty per Container: 3000; Container: Reel 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
Spansion Inc. Spansion, Inc.
|
39351-00 39354-00 39355-00 39352-00 39353-00 39356 |
35 Series Pluggable Terminal Blocks
|
http:// Molex Electronics Ltd.
|
PM3604-50 PM3602-33 PM3604-10 |
Inductor; Series:PM3600; Inductance:50uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 1.28, Series 0.64A; DC Resistance Max, Parallel:0.12ohm 2 ELEMENT, 50 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:33uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 0.98, Series 0.49A; DC Resistance Max, Parallel:0.14ohm 2 ELEMENT, 33 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:10uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 2.70, Series 1.35A; DC Resistance Max, Parallel:0.028ohm 2 ELEMENT, 10 uH, COMMON MODE CHOKE, SMD
|
Bourns, Inc. BOURNS INC
|
2SK2193 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK3012 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2560 |
Power MOSFETs / VZ Series (Three Terminal Type)
|
Shindengen
|
2SK2196 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
2SK2192 |
Power MOSFETs / VX-II Series (Three Terminal Type)
|
Shindengen
|
|