PART |
Description |
Maker |
IS28F020BL |
262144 x 8 SmartVoltage Boot Block Flash Memory
|
Integrated Silicon Solution
|
E28F002BVT120 TPA28F200BV-B60 TPA28F200BV-B80 TPA2 |
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
|
Intel Corporation
|
PA28F200BVB120 PA28F200BVB60 PA28F200BVB80 PA28F20 |
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY From old datasheet system
|
INTEL[Intel Corporation]
|
28F004BE-T/B 28F004BV-T/B 28F400BV-TB 28F400CV-T/B |
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16 / 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
|
Intel
|
IS28F400BVB-120TI IS28F400BVT-120TI IS28F400BVT-80 |
262,144 x 16/524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY CRYSTAL 9.8304MHZ 20PF SMD
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
M5M5256DFP-10VLL-I M5M5256DFP-10VXL-I M5M5256DFP-1 |
From old datasheet system 262144-BIT CMOS STATIC RAM 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word位)的CMOS静态RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
HN27C4000G-10 HN27C4000G HN27C4000G-15 |
524288-Word 8-Bit/262144-Word X 16-Bit CMOS UV Erasable and Programmable ROM 524288词?8-Bit/262144-Word x 16位的CMOS紫外线可擦除只读存储 524288-Word ?8-Bit/262144-Word X 16-Bit CMOS UV Erasable and Programmable ROM
|
Hitachi,Ltd. Hitachi Semiconductor
|
M5M5256CP-55LL M5M5256CP-55XL M5M5256CP-70LL M5M52 |
262144-bit (32768 x 8-bit) CMOS static RAM, 55ns 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144-bit (32768 x 8-bit) CMOS static RAM, 70ns
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
LH28F800SG-L10 LH28F800SG-L70 |
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
|
Sharp Corporation
|
LH28F160BJHE-BTL70 |
16M-BIT(1Mbit x16/2Mbit x8)Boot Block Flash MEMORY(16M1Mx16/2Mx8)Boot Block 闪速存储器)
|
Sharp Corporation
|
LH28F160BVHE-BTL90 |
16M-BIT(2Mbit x8/1Mbit x16)Boot Block Flash MEMORY(16M2M位x8/1Mx16)Boot Block 闪速存储器)
|
Sharp Corporation
|