PART |
Description |
Maker |
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5330 AD5330BRU AD5331 AD5331BRU AD5333 AD5335 AD |
2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 20-lead TSSOP From old datasheet system D/A CONVERTER,SINGLE,8-BIT,CMOS,SSOP,20PIN 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
Analog Devices Inc AD[Analog Devices]
|
AD5334 AD5334BRU AD5335BRU AD5336BRU AD5344BRU AD5 |
From old datasheet system 2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 10-Bit DAC with Byte-Load Parallel Interface in 28-lead TSSOP 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 12-Bit DAC with Parallel Interface in 28-lead TSSOP
|
AD[Analog Devices]
|
LTC1450LCGTRPBF |
Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
|
Linear Technology
|
LTC1450LCGTR |
Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Linear Technology, Corp.
|
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
KBPC102 KBPC106 KBPC108 KBPC110 KBPC1005 KBPC101 K |
SINGLE PHASE GLASS BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-TSSOP -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
http:// CHENYI[Shanghai Lunsure Electronic Tech] 上海朗硕科技有限公司
|
AD860103 AD8602DRM-REEL AD8601ART-REEL7 AD8601DRT- |
DigiTrim™ Dual Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
|
Analog Devices
|
LTC2611 LTC2621 LTC2601 LTC2611IDD LTC2621IDD LTC2 |
18-Bit Universal Bus Driver With 3-State Outputs 56-TSSOP -40 to 85 16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
|
Linear Technology Corporation
|
MC100E446FN MC100E446FNG MC100E446FNR2 MC100E446FN |
5V ECL 4-Bit Parallel/Serial Converter; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 100E SERIES, 4-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, COMPLEMENTARY OUTPUT, PQCC28
|
ONSEMI[ON Semiconductor]
|
MAX533 MAX533ACEE MAX533ACPE MAX533AEEE MAX533AEPE |
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|