PART |
Description |
Maker |
STR91XF07 STR912FW44X6 STR912FM42X6T -STR910FM44X6 |
ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E - 商标16/32位闪存微控制器与以太网,USB,加拿大,交流电机控制,4个定时器,模数转换器,RTC和DMA
|
意法半导 STMicroelectronics N.V.
|
STR912FAW44H6T STR912FAW44X6T STR910FAZ34H6T STR91 |
ARM966E-S垄芒 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?/a> 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
STMicroelectronics
|
STR91XFAX3X STR911FAW46 STR911FAW47 |
ARM966E-S⑩ 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
STMicroelectronics
|
ATTINY2313V-10MUR ATTINY2313V-10SUR AT91SAM7A2-AJ |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, GREEN, PLASTIC, MS-013AC, SOIC-20 32-BIT, 30 MHz, RISC MICROCONTROLLER, PQFP176 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDSO20 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
LH28F400BG-TL85 LH28F400BG-L85 LH28F400BG LH28F400 |
4M-BIT (256 x 16) SmartVoltage Flash Memory 4M-BIT (256KB x16) SmartVoltage Flash MEMORY 4M-BIT(256KBx16) SmartVoltage Flash MEMORY 4M-BIT (256K x 16)Smart Voltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|
ATTINY25V-10MUR ATTINY45-20XUR ATTINY85V-10PU |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PQCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 4.40 MM, GREEN, PLASTIC, MO-153AC, TSSOP-8 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
Atmel, Corp.
|
AT90S8535-8PC AT90LS8535-8MI AT90LS8535-4MC AT90LS |
8-bit Microcontroller with 8K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 RESISTOR, FIXED, FILM, CH 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC44 Data and Nonvolatile Program Memories
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
T89C51IC2-SLSIM T89C51IC T89C51IC2 T89C51IC2-RLTIL |
8-bit Microcontroller with Flash and I2C Interface 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 8-bit Microcontroller with Flash and I2C Interface 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44 8-bit Microcontroller with Flash and I2C Interface 8位闪存微控制器的I2C接口 From old datasheet system
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
|