PART |
Description |
Maker |
CY53120 |
Neuron Chip Network Processor(Neuron 芯片网络处理 From old datasheet system Neuron Chip Network Processor
|
Cypress Semiconductor Corp.
|
TMPN3120A20M TMPN3120A20U |
Neuron ?Chip For Distributed Intelligent Control Networks (LONWORKS ?)
|
TOSHIBA
|
TS02B-17 |
METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
|
Suntan Capacitors
|
TMPN3150B1AFG |
Neuron ICs TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
|
Toshiba Semiconductor
|
OM200F120CMD |
ELECTRICAL CHARACTERISTICS: OM200F120CMD (Tc= 25 C unless otherwise specified) ELECTRICAL CHARACTERISTICS: OM200F120CMD (Tc= 25 C unless otherwise specified)
|
List of Unclassifed Manufacturers ETC[ETC]
|
MB9750USB-4 |
Electrical Characteristics Test Condition (Vs= 1 . 5 V, RL= 0 . 6 8 k ohm, Ta=20隆?C, RH=65%) Electrical Characteristics Test Condition (Vs= 1 . 5 V, RL= 0 . 6 8 k ohm, Ta=20°C, RH=65%)
|
Knowles Electronics
|
MB6013ABC-2 |
Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20°C, RH=65%) Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20隆?C, RH=65%)
|
Knowles Electronics
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
S1D-T3 S1D-T1 S1G-T3 S1A S1M-T3 S1A-T1 S1A-T3 S1B- |
MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000101 安培表面贴装玻璃钝化整流 MLT Series Linear Position Transducer, 25,4 mm [1.0 in] Electrical Travel, 0.25 % Linearity, Item Number F38000201 安培表面贴装玻璃钝化整流 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Honeywell International, Inc. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
D20NP1R4F5PA D12NP0R4F5PA D12NP0R4B5PA D15NP1R2F5P |
CAPACITOR, CERAMIC, 50 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000004 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000005 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000018 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000024 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000009 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000045 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000014 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000012 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000013 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.000001 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, NP, 0.0000011 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.00000035 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000017 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NP, 0.0000016 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, NS, 0.000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, BJ, 0.000043 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000008 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PG, 0.00000007 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.0000002 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 100 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP CAPACITOR, CERAMIC, 50 V, PI, 0.00000006 uF, SURFACE MOUNT CHIP
|
Dielectric Laboratories, Inc.
|
1794 1794E25M000000SN |
ELECTRICAL CHARACTERISTICS
|
Vectron International, Inc
|
2N5151XSMD05 |
ELECTRICAL CHARACTERISTICS
|
Seme LAB
|
|