PART |
Description |
Maker |
EL5370IU-T7 EL5170IYZT13 EL5170IYZ EL5170IY-T13 EL |
Intersil From old datasheet system 100MHz Differential Twisted-Pair Drivers 100MHz的差分双绞线驱动 100MHz Differential Twisted-Pair Drivers TRIPLE LINE DRIVER, PDSO24 100MHz Differential Twisted-Pair Drivers LINE DRIVER, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
EL5177_05 EL5177IY EL5177IY-T13 EL5177IY-T7 EL5177 |
550MHz Differential Twisted-Pair Driver
|
INTERSIL[Intersil Corporation]
|
EL5171 EL5171IS EL5171IS-T13 EL5171IS-T7 EL5371IU |
250MHz Differential Twisted-Pair Drivers
|
INTERSIL[Intersil Corporation]
|
EL5170 |
(EL5170 / EL5370) 100MHz Differential Twisted-Pair Drivers
|
Intersil Corporation
|
EDI7P040FLE2402C15 EDI7P048FLE2402C15 EDI7P024FLE2 |
1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 250MHz Differential Line Receivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Peripheral Miscellaneous Flash Memory Card 8 MB Through 64 MB (AMD Based)(8M字节-64M字节闪速存储器卡(基于AMD 450MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 670MHz Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 周边杂项 Super Sync Separator; Temperature Range: 0°C to 70°C; Package: 24-QSOP T&R 周边杂项 350MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 250MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 周边杂项 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
Bourns, Inc. Sumida, Corp. Vicor, Corp. Vishay Intertechnology, Inc. 3M Company Sanyo Electric Co., Ltd.
|
SP8629 |
150MHz ÷ 100 ECL Counter Logic IC - Datasheet Reference From old datasheet system 150MHz ± 100 ECL Counter
|
List of Unclassifed Manufacturers Plessey Semiconductors ETC[ETC]
|
EDI7P004FVA0300C15 EDI7P002FVA0400I15 EDI7P002FVA0 |
Dual Ultra Low Noise Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-PDIP Peripheral Miscellaneous Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 28-PDIP 周边杂项 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-HMSOP T&R 周边杂项 1M X 16 FLASH 5V PROM CARD, 100 ns, XMA68 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
KEMET Corporation Bourns, Inc. MICROSEMI CORP-PMG MICROELECTRONICS
|
LT1205CS LT1203 LT1203CN8 LT1203CS8 LT1205 |
150MHz Video Multiplexers
|
LINER[Linear Technology]
|
LT1205-15 |
150MHz Video Multiplexers
|
Linear Technology
|
NE568A NE568AD NE568AN SA568AD SA568AN SA568A |
150MHz phase-locked loop
|
Philipss PHILIPS[Philips Semiconductors]
|
SNSAS2150 |
3.3V PECL Low Jitter 150MHz SAS-2 XO
|
Pericom Semiconductor Corporation
|