Part Number Hot Search : 
032010 CX31A6 S7805D06 74LVC1 3DD13002 SX4400 T240A A4510
Product Description
Full Text Search
  150mhz Datasheet PDF File

For 150mhz Found Datasheets File :: 16204    Search Time::3.109ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AF4835P AF4835PS AF4835PSA AF4835PSL AF4835PSLA

ETC
ANACHIP[Anachip Corp]
Part No. AF4835P AF4835PS AF4835PSA AF4835PSL AF4835PSLA
OCR Text ...-15V, ID=-1A, RG=6, VGS=-10V RD=15 VGS=0V, VDS=-15V, f=1.0MHz Min. -30 -1 Typ. -0.037 20 36 5.5 3.5 12 8 75 40 1530 900 280 Max. 20 35 -3 -1 uA -25 100 nA nC Units V V/oC m V S ns pF Source-Drain Diode Symbol IS VSD Parameter Cont...
Description P-Channel 30-V (D-S) MOSFET
P-Channel Enhancement Mode Power MOSFET

File Size 245.21K  /  6 Page

View it Online

Download Datasheet





    APM4835 APM4835KC-TR APM4835KC-TU

Anpec Electronics Corporation
ETC[ETC]
ANPEC[Anpec Electronics Coropration]
http://
Part No. APM4835 APM4835KC-TR APM4835KC-TU
OCR Text ... 1 B 62 +1.5 D C 12.75+ 0.15 D1 J 2 0.5 Po T1 12.4 0.2 P1 T2 2 0.2 Ao W 12 0. 3 Bo 5.2 0. 1 P 8 0.1 Ko E 1.750.1 t SOP- 8 F 5.5 1 1.55 +0.1 1.55+ 0.25 4.0 0.1 2.0 0.1 6.4 0.1 2.1 0.1 0.30.013 ...
Description P-Channel Enhancement Mode MOSFET

File Size 125.16K  /  9 Page

View it Online

Download Datasheet

    BAT54C-T1 BAT54C-T3 BAT54S-T1 BAT54S-T3 BAT54A-T1 BAT54A-T3 BAT54-T1 BAT54-T3 BAT54

Won-Top Electronics Co., Ltd.
Part No. BAT54C-T1 BAT54C-T3 BAT54S-T1 BAT54S-T3 BAT54A-T1 BAT54A-T3 BAT54-T1 BAT54-T3 BAT54
OCR Text ...1.40 2.50 1.05 0.61 2.05 3.05 0.15 1.10 0.61 0.178 Mechanical Data ! ! ! ! ! Case: SOT-23, Molded Plastic Terminals: Plated Leads Solder...0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100 Forward Voltage VF -- -- 240...
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE 表面贴装肖特基势垒二极管

File Size 35.30K  /  3 Page

View it Online

Download Datasheet

    BAT54CDW BAT54CDW-7 BAT54SDW-7 BAT54ADW BAT54ADW-7 BAT54BRW-7 BAT54TW BAT54TW-7 BAT54BRW BAT54SDW BAT54JW

DIODES[Diodes Incorporated]
Diodes Inc.
Part No. BAT54CDW BAT54CDW-7 BAT54SDW-7 BAT54ADW BAT54ADW-7 BAT54BRW-7 BAT54TW BAT54TW-7 BAT54BRW BAT54SDW BAT54JW
OCR Text ...363 A Dim A B Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0 Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8 TOP VIEW ...0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100W Forward Voltage (Note 2) VF IR CT tr...
Description    SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Low-Cost, Precision, High-Side Current-Sense Amplifier

File Size 45.33K  /  2 Page

View it Online

Download Datasheet

    BAT54CW-T1 BAT54CW-T3 BAT54SW-T1 BAT54SW-T3 BAT54AW-T1 BAT54AW-T3 BAT54W-T1 BAT54W-T3 BAT54W

Won-Top Electronics Co., Ltd.
WTE[Won-Top Electronics]
Part No. BAT54CW-T1 BAT54CW-T3 BAT54SW-T1 BAT54SW-T3 BAT54AW-T1 BAT54AW-T3 BAT54W-T1 BAT54W-T3 BAT54W
OCR Text ...L M SOT-323 Min Max 0.30 0.40 1.15 1.35 2.00 2.20 0.65 Nominal 0.30 0.40 1.20 1.40 1.80 2.20 -- 0.10 0.90 1.10 0.25 -- 0.05 0.15 Mechanic...0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100 Forward Voltage VF -- -- 240...
Description SURFACE MOUNT SCHOTTKY BARRIER DIODE 表面贴装肖特基势垒二极管

File Size 36.12K  /  3 Page

View it Online

Download Datasheet

    BAT54RCLT1

ZOWIE[Zowie Technology Corporation]
Part No. BAT54RCLT1
OCR Text ... o 0C TA=85 C o 1.0 15 55 C o 0.1 0.01 o 25 o C 40 oC TA=25 C 0.1 0.0 0.001 0.1 0.2 0.3 0.4 0.5 0.6 0 5 10 15 20 25 30 VF, FORWARD VOLTAGE ( VOLTS ) VR, REVERSE VOLTAGE ( VOLTS ) FIGURE 4. TOTAL...
Description SCHOTTKY BARRIER DIODE

File Size 46.97K  /  2 Page

View it Online

Download Datasheet

    CPV364M4K

IRF[International Rectifier]
Part No. CPV364M4K
OCR Text 15 10 Q6 D6 Q5 D5 16 IGBT SIP MODULE Features * Short Circuit Rated UltraFast: Optimized for high operating frequencies >5.0 kHz , and ...0MHz 42 60 ns TJ = 25C See Fig. 14 IF = 15A 74 120 TJ = 125C 4.0 6.0 A TJ = 25C See Fig. 15 VR = 200...
Description IGBT SIP MODULE

File Size 269.79K  /  10 Page

View it Online

Download Datasheet

For 150mhz Found Datasheets File :: 16204    Search Time::3.109ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 150mhz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.56158399581909