PART |
Description |
Maker |
AD1861R-J-REEL7 AD1851R-REEL7 AD1851RZ-J AD1851R-J |
16-Bit/18-Bit, 16 X Fs PCM Audio DACs 16-Bit/18-Bit6 X Fs的PCM音频数模转换 16-Bit/18-Bit/ 16 X Fs PCM Audio DACs LBS Series Full Extension Ball Bearing Slide, with Lock Out RoHS Compliant: Yes CONNECTOR ACCESSORY 16-Bit/18-Bit, 16 3 FS PCM Audio DACs
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
AN7007S AN7007SU |
Adjustment-free FM/AM Tuner ICs for Headphone Stereo with Radio
|
Panasonic
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7399 AD7399BR AD7399BR-REEL7 AD7399BRU-REEL7 AD7 |
0.3-7V; quad, serial-input 12-bit DAC. For automatic output span voltage, portable communications Quad/ Serial-Input 12-Bit/10-Bit DACs Quad, Serial-Input 12-Bit/10-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO16 Quad, Serial-Input 12-Bit/10-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
TPS855 TPS855F |
Luminosity Adjustment for TV Screens, CRT Monitors and Liquid-crystal Display Monitors Other Equipment Requiring Luminosity Adjustment
|
Toshiba Semiconductor
|
LTC2754BIUKG-16 LTC2754BIUKG-16PBF LTC2754BIUKG-16 |
Quad 12-/16-Bit SoftSpan IOUT DACs Quad 12-Bit SoftSpan Iout DACs; Package: 52-QFN; Temperature Range: –40°C to 85°C SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, PQCC52
|
Linear Technology, Corp.
|
MAX5354 MAX5354CPA MAX5354CUA MAX5354EPA MAX5354EU |
10-Bit Voltage-Output DACs in 8-Pin レMAX 10-Bit Voltage-Output DACs in 8-Pin MAX 10-Bit Voltage-Output DACs in 8-Pin μMAX
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AD5333BRU AD5332BRU AD5343 AD5301 |
2.5 V to 5.5 V. 230 uA. Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs DUAL, PARALLEL, 8 BITS INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO20 2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs DUAL, PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 10-BIT DAC, PDSO24 2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
|
Analog Devices, Inc.
|
AD7804BRZ-REEL AD7804BNZ ANALOGDEVICESINC-AD7805BR |
SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO16 SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP16 PARALLEL, WORD INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO28 3.3 V to 5 V Quad/Octal 10-Bit DACs 3.3 V to 5 V Quad/Octal 10-Bit DACs 3.3 V to 5 V Quad/Octal 10-Bit DACs
|
ANALOG DEVICES INC
|
|