PART |
Description |
Maker |
HD4043312 |
(HD404339 Series) 4-bit HMCS400-Series microcomputer
|
Hitachi Semiconductor
|
HD4074459H HD404459H HD4074459 HD404459 HD404458 H |
4-bit HMCS400-series microcomputers
|
RENESAS[Renesas Electronics Corporation]
|
HD404354 HD404354H HD404354S HD404356 HD404356H HD |
4-bit HMCS400-Series microcomputer
|
HITACHI[Hitachi Semiconductor]
|
HD4074339 HD404339 HD404334S HS4339ESF01H HD404334 |
4-bit HMCS400-Series microcomputer with large-capacity memory 60V Simple Swapper Hot-Swap Switch H43XX Family Microcomputers
|
Hitachi,Ltd. Hitachi Semiconductor
|
HD40A4688 HD40A4689 HD40A4639R HCD404069 HCD404084 |
LT4356-3 - Surge Stopper with Fault Latchoff; Package: MSOP; Number of Pins: 10; Temperature Range: 40°C to 85°C 82801HEM I/O Controller Hub (ICH8EM) HMCS400 Series Application Notes/Q&A HMCS400系列应用笔记/ Q首页
|
Mimix Broadband, Inc. Hitachi,Ltd. Infineon Technologies AG
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CD4094BFX CD4017BD3A CD40109BEX CD40109BD CD4556BF |
4000/14000/40000 SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 10-BIT UP RING COUNTER, CDIP16 DIP-16 4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDIP16 4000/14000/40000 SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDIP16 4000/14000/40000 SERIES, OTHER DECODER/DRIVER, TRUE OUTPUT, PDIP16 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT DOWN BINARY COUNTER, CDIP16 HEX TTL/CMOS TO CMOS TRANSLATOR, CDIP16 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, CDIP16 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, CDIP16 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 7-BIT UP BINARY COUNTER, CDIP14 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 4000/14000/40000 SERIES, 8 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDIP16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
74AC373MTC 74AC373PC 74AC373SC 74AC373SJ 74ACT373M |
From old datasheet system Octal Transparent Latch with 3-STATE Outputs AC SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 CMOS, 12-Bit, µP-Compatible DAC AC SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TC5012BP TC5048AP TC4528BP TC4528BFN |
5000 SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDIP16 5000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 17-BIT UP BINARY COUNTER, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDIP16 4000/14000/40000 SERIES, DUAL MONOSTABLE MULTIVIBRATOR, PDSO16
|
|
UPD78042F UPD78042FGF-XXX-3B9 UPD78043F UPD78043FG |
8-bit microcomputer 78K/0 series incorporating FIP 8-bit microcomputer 78K/0 series incorporating VFD 8-bit single-chip microcomputer with on-chip VFD driver 78K/0 series 8-bit microcomputer with on-chip FIP driver 78K/0 series 100 pin VFD mask ROM 8-bit single-chip microcomputer with on-chip VFD controller/driver 78K/0 series
|
NEC
|