PART |
Description |
Maker |
CY2XP21ZXI CY2XP21ZXC |
125 MHz LVPECL Clock Generator; Voltage (V): 2.5/3.3 V; Input Range: 22.4 MHz to 28 MHz; Output Range: 112 MHz to 140 MHz; Outputs: 1
|
CYPRESS SEMICONDUCTOR CORP
|
ASM5I9772AG-52-ET ASM5I9772A ASM5I9772A-52-ER ASM5 |
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer 200 MHz, OTHER CLOCK GENERATOR, PQFP52
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
MC9S12XEP100MALR |
32-BIT, FLASH, 50 MHz, RISC MICROCONTROLLER, PQFP112 LQFP-112
|
飞思卡尔半导体(中国)有限公司
|
CU41K2B1P-902.5-1T CU41K2A1P-902.5-1T CU41K2B1P-14 |
890 MHz - 915 MHz RF/MICROWAVE ISOLATOR 1429 MHz - 1453 MHz RF/MICROWAVE ISOLATOR 100 MHz - 200 MHz RF/MICROWAVE 3 PORT CIRCULATOR 872 MHz - 905 MHz RF/MICROWAVE ISOLATOR 940 MHz - 960 MHz RF/MICROWAVE ISOLATOR
|
Samtec, Inc.
|
TX-4000-DAE-106 TX-4001-DAE-106 TX-4002-DAE-106 TX |
TCVCXO, CLIPPED SINE OUTPUT, 10 MHz TCVCXO, SINE OUTPUT, 200 MHz TCVCXO, SINE OUTPUT, 2 MHz - 200 MHz TCVCXO, CLIPPED SINE OUTPUT, 2 MHz - 200 MHz TCVCXO, SINE OUTPUT, 10 MHz TCVCXO, CLIPPED SINE OUTPUT, 200 MHz Temperature Compensated Crystal Oscillator
|
http:// Vectron International, Inc
|
DS-222 MDS-222PIN |
Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
|
Tyco Electronics
|
QL1P075-6PSN256I QL1P075-8PSN256I QL1P075-7PSN256I |
FPGA, 512 CLBS, 75000 GATES, 200 MHz, PBGA256 17 X 17 MM, 1 MM PITCH, LEAD FREE, LBGA-256 FPGA, 512 CLBS, 75000 GATES, 200 MHz, PBGA256 17 X 17 MM, 1 MM PITCH, LBGA-256 FPGA, 640 CLBS, 100000 GATES, 200 MHz, PBGA256 17 X 17 MM, 1 MM PITCH, LEAD FREE, LBGA-256 FPGA, 640 CLBS, 100000 GATES, 200 MHz, QFP144 20 X 20 MM, 0.5 MM PITCH, LEAD FREE, TQFP-144 FPGA, 640 CLBS, 100000 GATES, 200 MHz, QFP144 20 X 20 MM, 0.5 MM PITCH, TQFP-144 FPGA, 1536 CLBS, 200000 GATES, 200 MHz, PBGA256 17 X 17 MM, 1 MM PITCH, LBGA-256 FPGA, 1920 CLBS, 300000 GATES, 200 MHz, PBGA256
|
QuickLogic, Corp. QUICKLOGIC CORP
|
TU-50TNC THV-50 THV-50BNC THV-50N THV-50SMA THV-50 |
Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz 双向功率分配2 - 200兆赫20 - 400兆赫 Two-Way Power Dividers 2200 MHz and 20400 MHz
|
NXP Semiconductors N.V. MACOM[Tyco Electronics]
|
ICS9250-38 ICS9250YF-38-T ICS9250YG-38-T ICS9250YG |
Frequency Generator with 200MHz Differential CPU Clocks 频率发生00MHz的CPU的时钟差 200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 6.10 MM, 0.50 MM PITCH, MO-153, TSSOP-56 200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 0.300 INCH, MO-118, SSOP-56 Integrated Circuit Systems
|
Electronic Theatre Controls, Inc. Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
HH-109PIN HHS-109PIN HH-109 HHS-109 |
5-200 MHz, hybrid lunction Mounting Clip; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):Yes; Body Material:Ceramic; MIL SPEC:MIL-R-26; Power Rating:5W; Resistance:250ohm; Resistance Tolerance: 5 %; Series:95 RoHS Compliant: Yes Hybrid Junction 5 - 200 MHz 混合联合5 - 200兆赫
|
MA-Com MACOM[Tyco Electronics] Vishay Intertechnology, Inc.
|
AP5S-FREQ3-R-D-T |
CRYSTAL OSCILLATOR, CLOCK, 10 MHz - 200 MHz, HCMOS/TTL OUTPUT
|
ABRACON CORP
|
|