PART |
Description |
Maker |
EVAL-AD7714-5EB AD7714ACHIPS-3 AD7714ACHIPS-5 AD77 |
3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC 3 V/5 V, CMOS,500 mA Signal Conditioning ADC 3 V/5 V, CMOS, 500 UASignal Conditioning ADC 3 V/5 V, CMOS, 500 mA Signal Conditioning ADC CMOS, 3V/5V, 500 µA, 24-Bit Sigma-Delta, Signal Conditioning ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Industrial 5-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24
|
Analog Devices ANALOG DEVICES INC
|
DTB113ZLTL3 DTB123TAC2 DTB133HA DTC343TAC2 DTB123E |
500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR FTL, 3 PIN 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 600 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
GS9012 |
TRANSISTOR 500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA, PLASTIC, TO-92, 3 PIN, BIP General Purpose Small Signal
|
Vishay Semiconductors
|
DDTB122TU-7-F DDTB142JU DDTB142TU DDTB122LU DDTB12 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
2N2218 ZTX84 2N2938 |
800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 500 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 500 mA, 13 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
ZETEX PLC
|
KTN2369S |
500 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
SI1012R-T1-GE3 |
500 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
VISHAY SILICONIX
|
DDTD114GC-13 DDTD114TC-13 |
500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
MMBTA63-13 |
500 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
MPSA05-5 |
500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Motorola Mobility Holdings, Inc.
|
|