PART |
Description |
Maker |
D72A |
Single-In-Line Conformal Coated Diode Array
|
List of Unclassifed Manufacturers
|
C111102ZY5V5 C101102JCG1 C101102JCG2 C101102JCG5 C |
Single-In-Line Conformal Coated Capacitor Networks
|
BITECH[Bi technologies]
|
CS206 |
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP, 4 to 18 pins available, X7R and COG capacitors available, Low cross talk, Custom design capability
|
Vishay
|
195D156X020Z2T 195D226X020Z2T 195D474X015A2T 195D6 |
Solid Tantalum Chip Capacitors TANTAMOUNT㈢ Conformal Coated Solid Tantalum Chip Capacitors TANTAMOUNT垄莽 Conformal Coated Solid Tantalum Chip Capacitors TANTAMOUNT庐 Conformal Coated Solid Tantalum Chip Capacitors TANTAMOUNT? Conformal Coated
|
Vishay Siliconix
|
40NJR10E 41NJR10E 42NJR10E 43NJR10E 45NJR10E 47NJR |
RESISTOR SILICONE 1.2K OHM 5W RESISTOR, WIRE WOUND, 5 W, 1 %, 20 ppm, 1200 ohm, THROUGH HOLE MOUNT Ohmicone? Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std. Ohmicone庐 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std. Ohmicone垄莽 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
|
Ohmite Mfg. Co.
|
G7752-10 G7754-03 G7751-02 G7751-21 G7754-01 G7751 |
Active area: 0.6mm; external input voltage: -18V; infrared detector module with preamplifier: high sensitivity module of easy-to-use. For infrared detection Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel 红外探测器与前置放大器模 Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
572D 572D225X025Q2 572D686X010B2 572D227X004B2001 |
Solid Tantalum Chip Capacitors TANTAMOUNT㈢, Low Profile, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT庐, Low Profile, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT?, Low Profile, Conformal Coated, Maximum CV
|
Vishay Siliconix http://
|
R1221N60AETR R1221N52AETR R1221N54AF R1221N51AH R1 |
Converter IC Voltage-Mode SMPS Controller 电压模式开关电源控制器 RESNET 47K-OHM 2% BUSSED THICK-FILM CONFORMAL SIP-9 1K/BULK 电压模式开关电源控制器 RESNET 10K-OHM 2% ISOLATED THICK-FILM CONFORMAL SIP-8 1K/BULK 电压模式开关电源控制器
|
International Rectifier, Corp. STMicroelectronics N.V. Shanghai Sunrise Electronics Co., LTD.
|
IN3296AR IN3291AR IN3291A AR-IN3291A IN3292AR IN32 |
General Purpose Rectifier 500V, 100A general purpose single diode 100V, 100A general purpose single diode 1200V, 100A general purpose single diode ER 2C 2#4 PIN RECP LINE ER 2C 2#0 SKT RECP ER 25C 25#12 PIN RECP LINE Circular Connector; No. of Contacts:12; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:32; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:32-6 RoHS Compliant: No AB 3C 3#4 SKT PLUG LINE 600V, 100A general purpose single diode 300V, 100A general purpose single diode 800V, 100A general purpose single diode
|
POWEREX[Powerex Power Semiconductors] Powerex Power Semicondu...
|
592D108X004R220H 592D108X6R3R220H 592D108X6R3X218H |
Solid Tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT庐, Low Profile, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT?, Low Profile, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
74LS148 SN74LS148D SN74LS748D SN74LS748N SN54LS147 |
Data Selector/Multiplexer 2-Input Q; Package: TSSOP-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2500 LS SERIES, 8-BIT ENCODER, CDIP16 500mA, 8V,±4% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] Motorola Inc MOTOROLA[Motorola, Inc]
|