PART |
Description |
Maker |
ST7LITE20 ST7LITE29 ST7LITE25 ST7PLITE25F2B6 ST7PL |
ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
|
ST Microelectronics
|
ST62P03CM6 ST62P03CM1 ST62P03CM3 ST62T01CM6/TR ST6 |
(ST62P00C - ST62P03C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER (MCU) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGUARD. SAFE RESET AND 16 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器保障。安全复位和16个引
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
ADUC842 ADUC842BCP |
MicroConverter 1-Cycle 8052 MCU, 8-Channel 12-Bit ADC , Dual 12-Bit DAC , 62K-Byte Flash, Programmable PLL in 8 x 8mm Chip-scale-package (CSP) 12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
|
Analog Devices, Inc.
|
ADUC824 ADUC824BCP ADUC824BCP-REEL ADUC824BS |
24-Bit ADC 16-Bit ADC 12-Bit DAC 8K-Byte Flash MCU Precision Analog Microcontroller: 1MIPS 8052 MCU 8kB Flash 16/24-Bit ADC 12-Bit DAC
|
Analog Devices
|
MC9S12A128 MC9S12DG128EVPV |
16 bit Microcontroller Unit (MCU)(16位MCU) 16位微控制器单元(MCU)(16位微控制器) 16-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP112
|
飞思卡尔半导体(中国)有限公司 MOTOROLA INC
|
68HC705PL4B |
8-Bit Microcontroller Units (MCU).(8位微控制 8位微控制器单元(MCU)。(8位微控制器)
|
Motorola Mobility Holdings, Inc.
|
HT68F201006 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
Z8602 |
KEYBOARD CONTROLLER (KBC? NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC⑩) NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC) NMOS Z8 8-BIT MCU CAP 0.033UF 100V 10% X7R AXIAL TR-14
|
ZILOG[Zilog, Inc.] Zilog.
|
ST72311R ST722532R4T3S ST72512R4T3S ST722512R4T3S |
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES 8位嵌套中断,EEPROM存储器,模数转换器,16位定时器8位PWM艺术,SPI和脊髓损伤,微控制器的CAN接口 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES 8位嵌套中断,EEPROM存储器,模数转换器,16位定时器位PWM艺术,SPI和脊髓损伤,微控制器的CAN接口 Octal Buffers/Line Drivers With 3-State Outputs 24-PDIP -40 to 85 (ST72T311R - ST72T532R) 8-BIT MCU WITH NESTED INTERRUPTS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
VRS550-PAC25 VRS560-PAC25 VRS550-PLI25 VRS560-PLI2 |
VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS550 - 8KB闪存56B的RAM5MHz的,8位微控制器VRS560 - 16kB的闪存,256B的RAM5MHz的,8位微控制 VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
ST72T631K1B0 ST72T631K1B1 ST72T631K1D0 ST72T631K1D |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
|