PART |
Description |
Maker |
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMD3 PEMD3_2 |
NPN/PNP RESISTOR-EQUIPPED TRANSISTORS; R1 = 10 KOHM, R2 = 10 KOHM From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 10 kohm R2 = 10 kohm NPN/PNP resistor-equipped transistors; R1 = 10 kohm/ R2 = 10 kohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTC144WE PDTC144WU PDTC144WEF PDTC144WK PDTC144WM |
PDTC144W series; NPN resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PEMH10 PUMH10 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=2.2千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
PEMH9 PIMH9 PUMH9 PUMH9125 |
NPN-NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=10千欧姆,R2=47千欧 NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN/NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PUMD10 |
NPN/PNP resistor-equipped transistors
|
PHILIPS[Philips Semiconductors]
|
PUMD3 |
NPN/PNP resistor-equipped transistors
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PQMD12 |
NPN/PNP resistor-equipped transistors
|
NXP
|