PART |
Description |
Maker |
P8031AH 8051 D8751H D8031 N8031 N8051 P8051 R8751H |
8 BIT CONTROL ORIENTED MICROCOMPUTERS 面向8位控制微 RES 21K-OHM 1% 0.125W 25PPM THIN-FILM SMD-1206 TR-7-PA 8 Bit Control-Oriented Microcomputers
|
Intel Corporation Intel, Corp. Intel Corp.
|
P8031AH 6751BH 6052AH 8052AH 8051AH 18052N 8032N P |
(P80xxAH) MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS Isolated Sigma-Delta Modulator; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial 8-Bit Control-Oriented Microcontroller(8位控制导向的微控制器) IGBT Modules up to 1200V Chopper; Package: PG-TQFP-100; Max Clock Frequency: 40.0 MHz; SRAM (incl. Cache): 6.0 KByte; CAN Nodes: 0; A / D input lines (incl. FADC): 0; Program Memory: 64.0 KByte; MCS51系列8位控制导向型微控制器
|
Intel Corporation Intel Corp. Intel, Corp.
|
P8031AH P8032AH N8031 D8031 8031 D8032AH 8032AH N8 |
8 BIT CONTROL ORIENTED MICROCOMPUTERS
|
INTEL[Intel Corporation]
|
N8051AH D8751H-8 N8031AH |
8 BIT CONTROL ORIENTED MICROCOMPUTERS
|
Intel
|
UPD78P312G-36 |
8-BIT, SINGLE-CHIP CMOS MICROCOMPUTERS, REAL-TIME CONTROL ORIENTED
|
NEC
|
LC6528C LC6528H LC6527C LC6527H |
SINGLE CHIP 4 BIT MICROCOMPUTERS FOR SMALL SCALE CONTROL ORIENTED APPLICATIONS
|
SANYO[Sanyo Semicon Device]
|
LC6543F LC6543L LC6543N LC6546F LC6546L LC6546N LC |
CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
|
SANYO[Sanyo Semicon Device]
|
TMC4670 TMC4670-BI TMC4670-EVAL |
Field Oriented Control (FOC) w/ Servo Controller
|
TRINAMIC Motion Control...
|
IZ5851V |
CMOS 4-BIT SINGLE-CHIP APPLICATION-ORIENTED MICROCOMPUTER WITH LCD DRIVER
|
INTEGRAL[Integral Corp.]
|
LED1642GWTTR |
16 Channels LED driver with Error detection, Current Gain Control and 12/16 bit PWM Brightness control
|
ST Microelectronics
|
AM29LV640MH/L |
64 Mbit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersitileI/O Control (Advance Information) 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices
|