PART |
Description |
Maker |
Z5.530.0225.0 |
Socket connector strip for printed circuit with contact pin, 2 contact, 5 mm pitch, 1 row, male, brass contact material, nickel plated contact finish, straight configuration, pcb termination 8 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 2 DECKS
|
Molex, Inc.
|
FTR-C210 FTR-C2CB012G FTR-C2GA012G FTR-C2GB012G FT |
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap POWER/SIGNAL RELAY, DPDT, LATCHED, 0.03A (COIL), 5VDC (COIL), 150mW (COIL), 2A (CONTACT), 220VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU LTD
|
YTW-09-09-L-Q-300-050 YTW-09-09-G-Q-300-050 YTW-09 |
36 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 120 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 145 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 300 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 185 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 112 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 76 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 152 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 8 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 16 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 90 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 195 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 156 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 136 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 294 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 245 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 164 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
240-032625SC 240-032625SP 240-032425PC 240-03269PC |
25 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 37 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 31 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 15 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 37 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP 31 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP 21 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire 15 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP 21 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP
|
GLENAIR INC Glenair, Inc.
|
IPT1-134-08-L-D-POL IPT1-134-08-S-D-POL IPT1-134-0 |
68 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 80 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 84 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 86 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 46 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 88 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER ROHS COMPLIANT 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 66 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 100 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN PLUG .100 20POS DUAL PCB 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Samtec, Inc. RCD Components, Inc. Coilcraft, Inc. SAMTEC INC
|
CECC16207-801AOT0YE6 CECC16207-801AOT0YE7 CECC1620 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 5VDC (COIL), 500mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 12VDC (COIL), 372mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.128A (COIL), 5VDC (COIL), 640mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.018A (COIL), 28VDC (COIL), 504mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.041A (COIL), 9VDC (COIL), 369mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.061A (COIL), 6VDC (COIL), 366mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
HI-G ITALIA SRL
|
BOT-3D-110/120VDC BOT-6A-48VAC BOT-3A-48VAC BOT-3D |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.024A (COIL), 120VDC (COIL), 2880mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.171A (COIL), 12VDC (COIL), 2052mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.115A (COIL), 26.5VDC (COIL), 3047.5mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.75A (COIL), 3VDC (COIL), 2250mW (COIL), 15A (CONTACT), 29VDC (CONTACT), PANEL MOUNT
|
Allied Controls, Inc. ALLIED CONTROLS INC
|
TX2-12V TX2SL-4.5V-Z-1 TX2SS-L2-1.5V-Z-1 TX2SL-L-3 |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Capacity High Breakdown Voltage, 2 Form C, 2A 30VDC, PC Board Terminal Type, Gold Contact POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.134A (COIL), 1.5VDC (COIL), 200mW (COIL), 1A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic
|
2-1437392-3 |
CONTACT SECTION AND TUBULAR CONTACT ASSY. MIN TERM BLOCK
|
Tyco Electronics
|
RED3600 RED360 RED300 RED3000 RED RED6 RED600 RED1 |
AC LINE FREQUENCY DIVIDERS CRIMP PIN, SURE SEAL, PK100; Connector type:Contact, Crimp; Gender:Pin; Termination method:Crimp; Material, contact:Copper alloy; Plating, contact
|
LSI[LSI Computer Systems] LSI Corporation
|
RL01-R12PE |
CONTACT - COPPER ALLOY 12 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT
|
Japan Aviation Electronics Industry, Ltd. JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
|