PART |
Description |
Maker |
1N5189 1N5187 1N5190 1N5186 1N5188 |
RECTIFIERS MILITARY APPROVED 3AMP FAST RECOVERY RECTIFIERS MILITARY APPROVED/ 3AMP/ FAST RECOVERY RECTIFIERS MILITARY APPROVED, 3AMP, FAST RECOVERY 3 A, SILICON, RECTIFIER DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
1N5554 JANTX1N5622 1N5550 1N5550-1 1N5552 1N5553 J |
RECTIFIERS MILITARY APPROVED/ 5 AMP/ GENERAL PURPOSE MSTBVA 2,5/21-G-5,08 Standard Rectifier (trr more than 500ns) RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
|
MICROSEMI[Microsemi Corporation] http://
|
JANTX469-3 JAN469-1 JAN469-2 JAN469-3 JANTX469-1 J |
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved 10 A, 460 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES/ 10 AMP/ Military Approved Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N5806US 1N5805US JAN1N5802 JAN1N5802US JAN1N5803 |
RECTIFIERS HIGH EFFICIENCY, ESP, 2.5 AMP TO 20 AMP ULTRA FAST MILITARY RECTIFIERS MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP RECTIFIERS HIGH EFFICIENCY ESP 2.5 AMP TO 20 AMP
|
MICROSEMI[Microsemi Corporation]
|
FM10A125V1/2A 340267 FM08A25V21/2A FM10A125V11/2A |
Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Black; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Military Fuses and Fuseholders - Fuses 军事保险丝和保险保险 Approved to MIL-PRF-15160 Approved to MIL-PRF-15160
|
Littelfuse, Inc.
|
HI5905N/QML 5962-9859101NXB HI5905EVAL2 HI5905N HI |
14 Bits 5MSPS Military A/D Converter(14浣??MSPS???ADC) 14 Bits 5MSPS Military A/D Converter(14位MSPS军用ADC) 14-Bit, 5 MSPS, Military A/D Converter
|
Intersil Corporation
|
LM2902M LM2902M96 CA0224E CA0224M CA124 CA324 CA22 |
Quad 1MHz Operational Amplifiers for Commercial Industrial and Military Applications Operational Amplifiers for Commercial / Industrial and Military Applications Quad/ 1MHz/ Operational Amplifiers for Commercial/ Industrial/ and Military Applications Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HDSP-2133 HDSP-2131 HDSP-2132 HDSP-2179 |
HDSP-2133 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2132 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2131 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2179 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
ESS RWR89Z EGN-10-10 EGN-10-80 EGN-1-10 EGN-1-80 E |
Wirewound Resistors, Military/Established Reliability Military/Established Reliability, MIL-R-39007 Qual., Type RWR, R Level, Meets Solvent Resistance of MIL-STD-202 (Method 215), 100% Power Stabilization and Screening Test (RWRxxx) Wirewound Resistors Military/Established Reliability RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 909 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 931 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
http:// VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
ZUS102405 |
UL recognized, TV approved, CSA certified
|
List of Unclassifed Manufacturers
|
ZUW152415 |
UL recognized, TV approved, CSA certified
|
List of Unclassifed Manufacturers
|
MF-RK96-03GA5 MF-RK97-03GA5 MF-RK97-02XD5 MF-RK96- |
PUR / PVC, approved ADR
|
SHIELD s.r.l.
|