PART |
Description |
Maker |
HFR8A06 |
Glass Passivated Hyperfast Recovery Rectifier
|
YENYO TECHNOLOGY Co., Ltd
|
HFR20A06P |
Glass Passivated Hyperfast Recovery Rectifier
|
YENYO TECHNOLOGY
|
HFR12A06F |
Glass Passivated HyperFast Recovery Rectifier
|
YENYO TECHNOLOGY
|
MSB20A |
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
|
HY ELECTRONIC CORP.
|
1N4007G |
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER, Reverse Voltage - 50 to 1300 Volts, Forward Current - 1.0Amperes TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
|
Chenyi Electronics http://
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|
1N4003G-A 1N4003G-B 1N4001G-A 1N4001G-B 1N4002G-B |
1.0A GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE, DO-41 1.0A GLASS PASSIVATED RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes Inc. Anderson Power Products, Inc. Diodes, Inc.
|
GS1J-T1 GS1J-T3 GS1A GS1M-T3 GS1A-T1 GS1A-T3 GS1B- |
CHOKE RF CONFORMAL COATED 0.68UH 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 安培表面贴装玻璃钝化整流 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE, DO-214AC
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd. WON-TOP ELECTRONICS CO LTD
|
30KW258A 30KW168 30KW168A 30KW216 30KW240 30KW240A |
258.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 168.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 216.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 240.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 120.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 198.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 270.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 156.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 132.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 144.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 288.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications 102.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor. For bipolar applications
|
MDE Semiconductor
|