PART |
Description |
Maker |
OP467GS-REEL |
18V; quad precision, high-speed operational amplifier. For high-speed image display drivers, high frequency active filters
|
Analog Devices
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
TPC8006-H |
Field Effect Transistor Silicon N Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Portable Equipment Applications Notebook PC Applications
|
TOSHIBA
|
AT28HC256-12FM/883 AT28HC256-12LM/883 AT28HC256-12 |
CONNECTOR ACCESSORY 32K X 8 EEPROM 5V, 90 ns, CPGA28 High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-TSSOP -55 to 125 256 32K x 8 High Speed Parallel EEPROMs 256 32K x 8 High Speed CMOS E2PROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
ADCMP562BRQ ADCMP561 ADCMP561BRQ ADCMP562 ADCMP561 |
Dual High Speed PECL Comparator 20 - Lead QSOP Dual High Speed PECL Comparator 16 - Lead QSOP (ADCMP561 / ADCMP562) Dual High Speed PECL Comparators Dual High Speed PECL Comparators COMPARATOR, 10000 uV OFFSET-MAX, PDSO20 Dual High Speed PECL Comparators 双高速PECL的比
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
HM62W16255HI HM62W16255HJPI-15 HM62W16255HTTI-15 H |
High-Speed SRAMs 4M High Speed SRAM (256-kword x 16-bit)
|
HITACHI[Hitachi Semiconductor]
|
TPC8013-H |
Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOS III) High Speed and High Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications
|
Toshiba Semiconductor
|
AD53040 AD53040KRP AD53040G |
HIGH SPEED DRIVERS: Complete high speed pin driver Ultrahigh Speed Pin Driver with Inhibit Mode
|
AD[Analog Devices]
|
BC847AF BC847BF BC847CF BC847F BC848BF BC846BF BC8 |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 16-PDIP -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
24LC64-E/ST 24LC64-E/SN 24LC64-I/MS 24AA64-I/MS 24 |
High-Speed/Low-Power Microcontrollers SERIAL EEPROM|8KX8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 8KX8 |的CMOS | TSSOP封装| 8引脚|塑料 High-Speed Microcontroller
|
Microchip Technology, Inc.
|