Part Number Hot Search : 
HIP6004E SIL15E MHP2151J AD7817AR M37516M6 MA27E02 AT83C MP7731
Product Description
Full Text Search
  dividers Datasheet PDF File

For dividers Found Datasheets File :: 3751    Search Time::1.062ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RHOPOINT[RHOPOINT COMPONENTS]
Part No. USVD2-B2M-025-02 HVD HVD5-A10M-050-05 HVD5-A20M-050-05 HVD5-A50M-050-05 HVD5-B10M-050-05 HVD5-B20M-050-05 HVD5-B50M-050-05 USVD USVD2-A10M-010-02 USVD2-A10M-025-02 USVD2-A20M-010-02 USVD2-A20M-025-02 USVD2-B10M-010-02 USVD2-B10M-025-02 USVD2-B1M-010-02 USVD2-B1M-025-02 USVD2-B20M-010-02 USVD2-B20M-025-02 USVD2-B2M-010-02
OCR Text ...rvoltage ratings do conditions. dividers areresistors. MG 715 48,000USVD("-15" ratings). Type USVD Ultra-Precision Voltage dividers haveof TypeMaximum operating voltages applydividers arethe values Ultra-Precision Voltage to the "-15" monol...
Description Ultra-Precision Voltage dividers - 450 Volts to 5 KV

File Size 366.86K  /  1 Page

View it Online

Download Datasheet





    ICM7213 ICM7213IPD FN3165

INTERSIL[Intersil Corporation]
Part No. ICM7213 ICM7213IPD FN3165
OCR Text ... 1. The ICM7213 uses dynamic dividers for high frequency division. As with any dynamic system, information is stored on very small nodal capacitances instead of latches (static system), therefore there is a lower frequency of operation. ...
Description From old datasheet system
One Second/One Minute Timebase Generator

File Size 47.30K  /  6 Page

View it Online

Download Datasheet

    ICS
Part No. ICS8735I-21
OCR Text ...250MHz to 700MHz * Programmable dividers allow for the following output-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8 * External feedback for "zero delay" clock regeneration with configurable frequencies * Cycle-to-cycle jitt...
Description Low Skew, 1-to-1, Differential-to- LVPECL Clock Generator. Industrial Temperature.

File Size 144.47K  /  14 Page

View it Online

Download Datasheet

    Integrated Circuit Syst...
ICST[Integrated Circuit Systems]
Part No. M2004-01 M2004-01-622.0800 M2004-01-625.0000 M2004-01-627.3296 M2004-01-644.5313 M2004-01-666.5143 M2004-01-669.1281 M2004-01-669.3266 M2004-01-672.1600 M2004-01-690.5692 M2004-01-693.4830
OCR Text ...trol of the output and feedback dividers is provided via the configuration logic. An external loop filter sets the PLL bandwidth which can be optimized to provide jitter attenuation of the input reference clock. The M2004-01 is available at...
Description    Frequency Synthesizer

File Size 1,541.04K  /  10 Page

View it Online

Download Datasheet

    SKY74038

Skyworks Solutions Inc.
Part No. SKY74038
OCR Text ...frequency of 800 MHz. RF and IF dividers The SKY74038 provides programmable dividers that control the prescaler and supply the divided VCO signals to the charge pump phase detectors. Programmable ratios on the RF fractional-N synthesizer ra...
Description 2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer

File Size 125.09K  /  12 Page

View it Online

Download Datasheet

    AGERE[Agere Systems]
Part No. T8100
OCR Text ...ffecting Page 38, Section 2.4.2 dividers and Rate Multipliers There is an anomaly in the digital phase-lock loop (DPLL) performance of the device. The behavior affects all versions of the T8100 but has been corrected in the T8100A, T8102, ...
Description H.100/H.110 Interface and Time-Slot Interchanger

File Size 1,439.07K  /  92 Page

View it Online

Download Datasheet

    CY8C24894 CY8C24894-24LFXI CY8C24894-24LFXIT CY8C24994 CY8C24994-24BVXI CY8C24994-24LFXI CY8C24994-24LFXIT CY8C24094 CY8

Cypress Semiconductor
Part No. CY8C24894 CY8C24894-24LFXI CY8C24894-24LFXIT CY8C24994 CY8C24994-24BVXI CY8C24994-24LFXI CY8C24994-24LFXIT CY8C24094 CY8C24094-24AXI CY8C24094-24BVXI CY8C24094-24LFXI CY8C24794-24LFXI CY8C24794-24LFXIT
OCR Text ...ogether with programmable clock dividers (as a System Resource), provide the flexibility to integrate almost any timing requirement into the PSoC device. In USB systems, the IMO will self-tune to 0.25% accuracy for USB communication. PSoC ...
Description PSoC㈢ Mixed-Signal Array

File Size 610.24K  /  48 Page

View it Online

Download Datasheet

    MICREL[Micrel Semiconductor]
Part No. SY10EL38LZITR SY100EL38LZC SY100EL38LZCTR SY100EL38LZG SY100EL38LZGTR SY100EL38LZI SY100EL38LZITR SY10EL38 SY10EL38LZC SY10EL38LZCTR SY10EL38LZG SY10EL38LZGTR SY10EL38LZI
OCR Text ...tion applications. The internal dividers are synchronous to each other, therefore, the common output edges are all precisely aligned. The devices can be driven by either a differential or single-ended ECL or, if positive power supplies are ...
Description 5V/3.3V ÷2, ÷4/6 CLOCK GENERATION CHIP
5V/3.3V ±2, ±4/6 CLOCK GENERATION CHIP

File Size 65.01K  /  6 Page

View it Online

Download Datasheet

    MICREL[Micrel Semiconductor]
Part No. SY10EL34_06 SY100EL34 SY100EL34L SY100EL34LZC SY100EL34LZCTR SY100EL34LZG SY100EL34LZGTR SY100EL34LZI SY100EL34LZITR SY10EL34 SY10EL34L SY10EL34LZC SY10EL34LZCTR SY10EL34LZG SY10EL34LZGTR SY10EL34LZI SY10EL34LZITR
OCR Text ...tion applications. The internal dividers are synchronous to each other, therefore, the common output edges are all precisely aligned. The devices can be driven by either a differential or single-ended ECL or, if positive power supplies are ...
Description 5V/3.3V ÷2, ÷4, ÷8 CLOCK GENERATION CHIP
5V/3.3V ±2, ±4, ±8 CLOCK GENERATION CHIP

File Size 57.66K  /  5 Page

View it Online

Download Datasheet

For dividers Found Datasheets File :: 3751    Search Time::1.062ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of dividers

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.92827296257019